Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AAT2833 Fiches technique(PDF) 1 Page - Advanced Analogic Technologies

No de pièce AAT2833
Description  240mA Total Display Solution for Portable Devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGICTECH [Advanced Analogic Technologies]
Site Internet  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2833 Fiches technique(HTML) 1 Page - Advanced Analogic Technologies

  AAT2833 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2833 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2833 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2833 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2833 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2833 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2833 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2833 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2833 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AAT2833/34
240mA Total Display Solution
for Portable Devices
2833.2007.09.1.0
1
ChargePump
General Description
The AAT2833/34 is a total solution IC for portable
display applications. Based on a tri-mode charge
pump power engine, it is capable of delivering
240mA of output current for white LED (WLED)
backlight and RGB applications. The high conver-
sion efficiency and high level of integration make the
AAT2833/34 an optimal solution for battery life and
size-critical applications.
AnalogicTech's AS
2Cwire™ (Advanced Simple
Serial Control™) serial digital interface is used to
enable, disable, and set current levels for all of the
light emitting diodes (LEDs). Each backlight chan-
nel can be programmed to 16 levels of current, from
a recommended maximum of 30mA programmed by
the R
BSET resistor. The RGB module can be adjust-
ed to 8 levels of current, up to a recommended max-
imum of 60mA. The RGB module is programmable
with up to 4096 (AAT2833) or 64 (AAT2834)
color/intensity (brightness) combinations.
The AAT2833/34 is offered in a Pb-free, thermally
enhanced 24-pin 4x4x0.75mm TQFN package.
Applications
Digital Still Cameras
LCD Display Modules
MP3 Players
White LED Drivers
Wireless Handsets
Features
Input Supply Voltage Range: 2.7V to 5.5V
Tri-Mode (1X/1.5X/2X) Charge Pump:
— Delivers up to 240mA of Output Current
— Switching Frequency: Up to 2MHz
Total Display Solution for RGB and Backlight
Applications
— 6-Channel Backlight WLED Backlight
User-Programmable Full-Scale Current,
up to 30mA
— 3-Channel RGB
User-Programmable Full-Scale Output
Current/Duty Cycle
AAT2833: 4096 Color/Intensity
Combinations
AAT2834: 64 Color/Intensity
Combinations
Single-Wire AS
2Cwire Serial Interface for
Configuration/Control
— Eleven Addressable Registers
— Fast, 1MHz Serial Interface
True Load Disconnect in Shutdown, I
IN < 1µA
Built-in Thermal Protection
Built-in Auto-Disable for Open LED Condition
Automatic Soft-Start Minimizes Inrush Current
Available in 4x4x0.75mm TQFN44-24 Package
Typical Application
C
IN
2.2μF
C
OUT
2.2μF
C1
1μF
C2
1μF
IN
AAT2833/34
PGND
EN/SET
OUT
AS2Cwire
Serial Control
V
BATTERY
Single-cell Li+
C1+
C1- C2+
C2-
BL1
RGB LED
RG B
AGND
R
BSET
280k
Ω
BSET
BL3 BL4
BL2
BL5 BL 6


Numéro de pièce similaire - AAT2833

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
AAT2830 ANALOGICTECH-AAT2830 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
AAT2830IBK-T1 ANALOGICTECH-AAT2830IBK-T1 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
AAT2831 ANALOGICTECH-AAT2831 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
AAT2831IBK-T1 ANALOGICTECH-AAT2831IBK-T1 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
More results

Description similaire - AAT2833

FabricantNo de pièceFiches techniqueDescription
logo
SiGe Semiconductor, Inc...
AATIAN49 SIGE-AATIAN49 Datasheet
155Kb / 5P
   800mA Total Display Solution for Portable Devices
logo
Advanced Analogic Techn...
AAT2830 ANALOGICTECH-AAT2830 Datasheet
540Kb / 21P
   800mA Total Display Solution for Portable Devices
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com