Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AAT1239-1 Fiches technique(PDF) 1 Page - Advanced Analogic Technologies

No de pièce AAT1239-1
Description  40V Step-Up Converter for 4 to 10 White LEDs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGICTECH [Advanced Analogic Technologies]
Site Internet  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1239-1 Fiches technique(HTML) 1 Page - Advanced Analogic Technologies

  AAT1239-1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1239-1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1239-1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1239-1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1239-1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1239-1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1239-1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1239-1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1239-1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AAT1239-1
40V Step-Up Converter for 4 to 10 White LEDs
SwitchRegTM
PRODUCT DATASHEET
1239-1.2007.10.1.0
1
www .analogictech.com
General Description
The AAT1239-1 is a high frequency, high efficiency con-
stant current boost converter capable of driving up to
ten (10) series-connected white LEDs or 40V. It is an
ideal power solutions for backlight applications with up
to ten white LEDs in series. The input voltage is 2.7V to
5.5V for single-cell lithium-ion/polymer (Li-ion) based
portable devices.
The LED current is digitally controlled across a 6x oper-
ating range using AnalogicTech’s Simple Serial Control™
(S2Cwire™) interface. Programmability across 26 dis-
crete current steps provides high resolution, low noise,
flicker-free, constant LED outputs. In programming
AAT1239 operation, LED brightness increases based on
the data applied at the EN/SET pin. The SEL logic pin
changes the feedback voltage between two program-
mable ranges.
The AAT1239-1 features a high current limit and fast,
stable transitions for stepped or pulsed current applica-
tions. The high switching frequency (up to 2MHz) pro-
vides fast response and allows the use of ultra-small
external components, including chip inductors and
capacitors. Fully integrated control circuitry simplifies
design and reduces total solution size. The AAT1239-1
offers a true load disconnect feature which isolates the
load from the power source while in the OFF or disabled
state. This eliminates leakage current, making the devic-
es ideally suited for battery-powered applications.
The AAT1239-1 is available in the Pb-free, thermally-
enhanced 12-pin TSOPJW package.
Features
• Input Voltage Range: 2.7V to 5.5V
• Maximum Continuous Output 40V @ 30mA
• Drives up to 10 LEDs in Series
Constant LED Current with 3.5% Accuracy Over
Temperature and Input Voltage Range
• Digital Control with S2Cwire Single Wire Interface
26 Discrete Steps
No PWM Control Required
No Additional Circuitry
• Up to 82% Efficiency
• Up to 2MHz Switching Frequency Allows Small External
Chip Inductor and Capacitors
• Hysteretic Control
No External Compensation Components
Excellent Load Transient Response
High Efficiency at Light Loads
• Integrated Soft Start with No External Capacitor
• True Load Disconnect Guarantees <1.0μA Shutdown
Current
• Selectable Feedback Voltage Ranges for High Resolution
Control of Load Current
• Short-Circuit, Over-Voltage, and Over-Temperature
Protection
• 12-Pin TSOPJW Package
• -40°C to +85°C Temperature Range
Applications
• Color Display Backlight
• Digital Still Cameras (DSCs)
• Digital Photo Frames
• PDAs and Notebook PCs
• White LED Drivers
Typical Application
LIN
EN/SET
PGND
PVIN
L1
2.2μH
C1
2.2μF
C2
2.2μF
M673
Li-Ion:
VIN = 2.7V to 4.2V
AAT1239-1
DS1
SS16L or equivalent
R1 (RBALLAST)
30
ILED
20mA
.1
SW
FB
SEL
VIN
AGND
R3
12k
R2
374k
OVP
Enable/Set
Feedback Voltage
Select
White LEDs
OSRAM LW M678
or equivalent


Numéro de pièce similaire - AAT1239-1

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
More results

Description similaire - AAT1239-1

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
   1.5MHz Step-Up Converter for White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com