Moteur de recherche de fiches techniques de composants électroniques |
|
TS9007 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
TS9007 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 8 page TS9007 300mA Low Noise CMOS LDO 2/8 Version: C07 Absolute Maximum Rating Parameter Symbol Limit Unit Supply Voltage VIN -0.3 ~ +7 V Input Supply Voltage (Recommended) VOPR +2 ~ +6 V Output Short-Circuit Duration Infinite Power Dissipation SOT-25 300 SOT-23 300 DFN 2x2 PD 500 mW SOT-25 250 SOT-23 300 Thermal Resistance DFN 2x2 ӨJA 165 °C/W Junction Temperature Range TJ +150 °C Storage Temperature Range TSTG -65 ~ +150 °C Notes: Stress above the listed absolute rating may cause permanent damage to the device. Electrical Characteristics (TA = 25oC, VIN = (VOUT+1V), CIN=COUT=0.47uF, VEN=VIN, unless otherwise noted.) Parameter Conditions Min Typ Max Unit Output Voltage VIN =VO + 1V, IO=10mA -2.0 -- +2 % Output Current Limit Short-circuit output -- 200 -- mA Maximum Output Current VIN =Vo+1V, 300 -- -- mA Line Regulation VIN =(VOUT+1V) to 6V, IO=10mA -- 0.3 -- %/V VIN =Vo+1V, 1mA≤IL≤300mA VOUT≥2.5V -- 0.2 1.0 Load Regulation VIN =Vo+1V, 1mA≤IL≤200mA VOUT <2.5V -- 0.2 1.0 % Io=300mA, VOUT =Vo - 2% VOUT ≥2.5V -- 500 600 Dropout Voltage Io=200mA, VOUT =Vo - 2% VOUT <2.5V -- 800 1000 mV Shutdown Supply Current EN=0V -- 0.01 -- uA Ground Pin Current Io=0mA -- 90 150 uA f=100Hz, Io=1mA -- 60 -- f=1KHz, Io=1mA -- 57 -- Ripple Rejection (PSRR) f=10Hz, Io=1mA -- 45 -- dB Io=10mA, f=10Hz to 100kHz, Bypass = 0nF -- 45 -- Output Noise Io=10mA, f=10Hz to 100kHz, Bypass = 30nF -- 15 -- uVrms Shutdown Exit Delay (note 2) RLOAD = 50Ω -- 45 300 uS EN Logic Low Level VIN =2.0V to 5.5V -- -- 0.4 EN Logic High Level VIN =2.0V to 5.5V 1.5 -- VIN V EN Input Bias Current VIN =2.0V to 5.5V -- -- -- uA Thermal Shutdown Shutdown Temperature -- 160 -- oC Thermal Shutdown Hysteresis -- 20 -- oC Notes: a. The drop out voltage varies depending on output voltage selection. Dropout is defined as VIN - VOUT when VOUT is 100mV below VOUT where VIN = Vout+1V for nominal VOUT b. Time needed for VOUT to reach 90% of final value |
Numéro de pièce similaire - TS9007_07 |
|
Description similaire - TS9007_07 |