Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS9004C Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS9004C
Description  300mA CMOS LDO Adjustable Voltage with Enable & Power Good
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9004C Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS9004C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9004C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9004C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9004C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9004C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9004C Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9004C Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS9004 Series
300mA CMOS LDO
Adjustable Voltage with Enable & Power Good
5/7
Version: A07
SOT-26 Mechanical Drawing
SOT-26 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
TYP
MAX
MIN
TYP
MAX
A
0.95 BSC
0.0374 BSC
A1
1.9 BSC
0.0748 BSC
B
2.60
2.80
3.00
0.1024
0.1102
0.1181
C
1.40
1.50
1.70
0.0551
0.0591
0.0669
D
2.80
2.90
3.10
0.1101
0.1142
0.1220
E
1.00
1.10
1.20
0.0394
0.0433
0.0472
F
0.00
--
0.10
0.00
0.0039
G
0.35
0.40
0.50
0.0138
0.0157
0.0197
H
0.10
0.15
0.20
0.0039
0.0059
0.0079
I
0.30
--
0.60
0.0118
--
0.0236
J
--
10º
--
10º


Numéro de pièce similaire - TS9004C

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9004CX6 TSC-TS9004CX6 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
More results

Description similaire - TS9004C

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com