Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX8731A Fiches technique(PDF) 15 Page - Maxim Integrated Products

No de pièce MAX8731A
Description  SMBus Level 2 Battery Charger with Remote Sense
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8731A Fiches technique(HTML) 15 Page - Maxim Integrated Products

Back Button MAX8731A Datasheet HTML 11Page - Maxim Integrated Products MAX8731A Datasheet HTML 12Page - Maxim Integrated Products MAX8731A Datasheet HTML 13Page - Maxim Integrated Products MAX8731A Datasheet HTML 14Page - Maxim Integrated Products MAX8731A Datasheet HTML 15Page - Maxim Integrated Products MAX8731A Datasheet HTML 16Page - Maxim Integrated Products MAX8731A Datasheet HTML 17Page - Maxim Integrated Products MAX8731A Datasheet HTML 18Page - Maxim Integrated Products MAX8731A Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
SMBus Level 2 Battery Charger
with Remote Sense
______________________________________________________________________________________
15
ACIN
CSSP
VCC
REF/2
LVC
100mV
IMIN
ENABLE
CCMP
OVP
150mV
(750mA FOR RS2 = 10m
Ω)
2V
(10A FOR RS2 = 10m
Ω)
IMAX
CSIN
ACOK
GND
CCV
CCI
CSA: CURRENT-SENSE
AMPLIFIER
CCS
LOWEST VOLTAGE CLAMP
4.096V
REFERENCE
5.4V
LINEAR
REGULATOR
CHARGE VOLTAGE ( )
CHARGE CURRENT ( )
INPUT CURRENT ( )
SMBus LOGIC
DC-DC
CONVERTER
11-BIT DAC
6-BIT DAC
6-BIT DAC
GM
CSA
A = 20V/V
A = 20V/V
A = 1V/V
CSA
CSS
CSI
GMS
GMI
GMV
MAX8731A
LEVEL
SHIFT
BST
DHI
LX
LDO
DLO
PGND
DCIN
REF
SCL
SDA
VDD
VCC
HIGH-
SIDE
DRIVER
LOW-
SIDE
DRIVER
POWER-FAIL
ZCMP
+
200mV
-
Figure 2. Functional Diagram
command. The charge current-regulation loop is in con-
trol as long as the selected battery voltage is below the
charge voltage set point. When the selected battery
voltage reaches its set point, the voltage-regulation
loop takes control and maintains the battery voltage at
the set point. A third loop (CCS) takes control and
reduces the charge current when the adapter current
exceeds the input current limit set by the InputCurrent()
command.
A functional diagram is shown in Figure 2.


Numéro de pièce similaire - MAX8731A

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
MAX8731ETI++ MAXIM-MAX8731ETI+ Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
More results

Description similaire - MAX8731A

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX8731 MAXIM-MAX8731 Datasheet
325Kb / 32P
   SMBus Level 2 Battery Charger with Remote Sense
Rev 0; 1/06
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com