Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL8013 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL8013
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL8013 Datasheet HTML 1Page - Intersil Corporation ISL8013 Datasheet HTML 2Page - Intersil Corporation ISL8013 Datasheet HTML 3Page - Intersil Corporation ISL8013 Datasheet HTML 4Page - Intersil Corporation ISL8013 Datasheet HTML 5Page - Intersil Corporation ISL8013 Datasheet HTML 6Page - Intersil Corporation ISL8013 Datasheet HTML 7Page - Intersil Corporation ISL8013 Datasheet HTML 8Page - Intersil Corporation ISL8013 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6309.1
December 27, 2007
N-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
-
50
75
m
Ω
VIN = 2.7V, IO = 200mA
-
70
100
m
Ω
LX Maximum Duty Cycle
-
100
-
%
PWM Switching Frequency
fS
0.80
1.00
1.20
MHz
LX Minimum On-Time
SYNCH = High
-
-
140
ns
PG
Output Low Voltage
Sinking 1mA
-
-
0.3
V
Delay Time (Rising Edge)
0.65
1
1.35
ms
PG Pin Leakage Current
PG = VIN = 3.6V
-
0.01
0.1
µA
PGOOD Rising Threshold
Percentage of regulation voltage
89
92
95
%
PGOOD Falling Threshold
Percentage of regulation voltage
85
88
91.5
%
PGOOD Delay Time (Falling Edge)
-15
-
µs
EN, SYNCH
Logic Input Low
--
0.4
V
Logic Input High
1.4
-
-
V
Synch Logic Input Leakage Current
ISYNCH
Pulled up to 5.5V
-
0.1
1
μA
Enable Logic Input Leakage Current
IEN
-0.1
1
μA
Thermal Shutdown
-
140
-
°C
Thermal Shutdown Hysteresis
-25
-
°C
NOTE:
3. Limits established by characterization and are not production tested.
Electrical Specifications
Unless otherwise noted, all parameter limits are established over the recommended operating conditions and
the typical specification are measured at the following conditions: TA = -40°C to +85°C, VIN = 3.6V, EN = VDD,
unless otherwise noted. Typical values are at TA = +25°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL8013


Numéro de pièce similaire - ISL8013

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
ISL80136 RENESAS-ISL80136 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
More results

Description similaire - ISL8013

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com