Moteur de recherche de fiches techniques de composants électroniques |
|
SM5168AX Fiches technique(PDF) 8 Page - Nippon Precision Circuits Inc |
|
SM5168AX Fiches technique(HTML) 8 Page - Nippon Precision Circuits Inc |
8 / 9 page SM5168 series SEIKO NPC CORPORATION —8 DO Output Timing The phase comparator error signal charge pump signal is output on DO with polarity for connection to an external passive filter. The signals compared are FV and FR, which are the internal comparator frequency divider output signal and reference frequency divider output signal, respectively. The timing is shown in the following figure. INPUT/OUTPUT EQUIVALENT CIRCUITS DO FIN TR TEST LD XIN FR FV DO LD Lagging correction signal Leading correction signal DO To internal counter FIN From internal circuit TYP100k Ω To internal circuit TR To internal circuit TEST From internal circuit LD To internal counter XIN From internal circuit TYP100k Ω |
Numéro de pièce similaire - SM5168AX |
|
Description similaire - SM5168AX |