Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCR5SB50 Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TCR5SB50
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB50 Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TCR5SB50 Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB50 Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB50 Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB50 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB50 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB50 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB50 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB50 Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB50 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
6
Application Note
1.
Recommended Application Circuit
The figure above shows the recommended configuration for using a Low-Dropout regulator. Insert a capacitor at
Vout and Vin pins for stable input/output operation. (Ceramic capacitors can be used)
If the control function is not to be used, Toshiba recommend that the control pin is connected to the VIN pin.
2. Power Dissipation
Power dissipation of TCR5SBxx series is independent and shows in Absolute Maximum Ratings when it is
mounted on the board. Testing size and pattern shows below.
Testing Board of Thermal Resistance
3. Ripple Rejection
TCR5SBxx series are designed for superior ripple rejection characteristic. Even an output changes with steep
Control Level
Operation
HIGH
ON
LOW
OFF
VOUT
GND
VIN
CONTROL
NC
Board material: Glass Epoxy, Board dimension 30 mm
× 30 mm
Copper area: 50 mm
2
, t
= 0.8 mm
COUT
VIN
VOUT
CONTROL
GND
CIN
NC
Ambient temperature Ta (°C)
PD – Ta
−40
0
0
40
120
80
100
200
300
400
Board dimension 30 mm
× 30 mm,
t
= 0.8 mm Copper area 50 mm2,
mounted on Glass Epoxy Board
Unit Rating


Numéro de pièce similaire - TCR5SB50

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SB50A TOSHIBA-TCR5SB50A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB50U TOSHIBA-TCR5SB50U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Description similaire - TCR5SB50

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com