Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD62501PFG Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TD62501PFG
Description  7ch Single Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62501PFG Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TD62501PFG Datasheet HTML 1Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 2Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 3Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 4Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 5Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 6Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 7Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 8Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TD62501~507PG/FG
2006-06-14
5
Test Circuit
1. ICEX
2. hFE, VCE (sat)
3. VIN (ON)
4. tON, tOFF
Note 1: Pulse width 50 µs, Duty cycle 10%
Output impedance 50 Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: See below
Input Condition
Type Number
R1
VIH
TD62501PG/FG
2.7 k
3 V
TD62502PG/FG
0
15 V
TD62503PG/FG
0
3 V
TD62504PG/FG
0
10 V
TD62505PG/FG
2.7 k
3 V
TD62506PG/FG
0
3 V
TD62507PG/FG
2.7 k
3 V
Note 3: CL includes probe and jig capacitance
Precautions for Using
This IC does not integrate protection circuits such as overcurrent and overvoltage protectors.
Thus, if excess current or voltage is applied to the IC, the IC may be damaged. Please design the IC so that
excess current or voltage will not be applied to the IC.
Utmost care is necessary in the design of the output line, VCC and GND line since IC may be destroyed due to
short-circuit between outputs, air contamination fault, or fault by improper grounding.
10%
50%
tON
tOFF
tf
tr
VIH
VOH
VOL
Input
50%
50
µs
Output
50%
50%
90%
10%
90%
0
VIN (ON)
IIN
IC
ICEX
Open
VIN
VCE
VCE, VCE (sat)
IC
IIN
hFE =
IC
IIN
Pulse
generator
(Note 1)
Input
(Note 2)
R1
B
C
E
CL = 15 pF
(Note 3)
VOUT = 35 V
Output
RL = 3.3 kΩ


Numéro de pièce similaire - TD62501PFG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62501P TOSHIBA-TD62501P Datasheet
339Kb / 9P
   7 SINGLE DRIVER
More results

Description similaire - TD62501PFG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62504P-H TOSHIBA-TD62504P-H Datasheet
200Kb / 5P
   7CH SINGLE DRIVER : COMMON DMITTRER
TD62502FNG TOSHIBA-TD62502FNG Datasheet
144Kb / 8P
   7ch Single Driver: Common Emitter
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
logo
Rohm
BD6757KN ROHM-BD6757KN Datasheet
232Kb / 6P
   7ch Stepping Motor Driver
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com