Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD62785FG Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TD62785FG
Description  8CH SOURCE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62785FG Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TD62785FG Datasheet HTML 1Page - Toshiba Semiconductor TD62785FG Datasheet HTML 2Page - Toshiba Semiconductor TD62785FG Datasheet HTML 3Page - Toshiba Semiconductor TD62785FG Datasheet HTML 4Page - Toshiba Semiconductor TD62785FG Datasheet HTML 5Page - Toshiba Semiconductor TD62785FG Datasheet HTML 6Page - Toshiba Semiconductor TD62785FG Datasheet HTML 7Page - Toshiba Semiconductor TD62785FG Datasheet HTML 8Page - Toshiba Semiconductor TD62785FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TD62785PG/FG
2006-06-14
3
Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
“H” Level
VIH
VCC
−1.0
Input Voltage
“L” Level
VIL
1
0.8
V
Input Current
“L” Level
IIL
2
VCC = 5.5 V, VIN = 0.8 V
−1.5
−2.3
mA
Input Pull−Up Resistor
RIP
5.6
kΩ
Output Pull−Down Resistor
ROP
15
kΩ
IOUT = 500 mA
VCC
−1.35
Output Voltage
“H” Level
VOH
3
VCC = 0 V
GND = −4.5 V
VIN = GND
IOUT = 500 mA
VCC
−1.30
V
ICC (ON)
VCC = 55 V, VIN = GND
12.5
mA /
ch
Supply Current
ICC (OFF)
1
VCC = 55 V, VIN = OPEN
10
µA
Turn−On Delay
tON
0.1
µs
Turn−Off Delay
tOFF
4
VCC = 5 V, RL = 16 Ω
CL = 15 pF
3.5
µs


Numéro de pièce similaire - TD62785FG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62785F TOSHIBA-TD62785F Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
More results

Description similaire - TD62785FG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
logo
IK Semicon Co., Ltd
IK62783 IKSEMICON-IK62783 Datasheet
419Kb / 10P
   8CH DARLINGTON SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62708N TOSHIBA-TD62708N Datasheet
309Kb / 8P
   8CH HIGH CURRENT SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
   8CH HIGH-VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783_15 Datasheet
271Kb / 7P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783 UTC-62783_12 Datasheet
222Kb / 5P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783 UTC-62783_18 Datasheet
211Kb / 7P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
62784 UTC-62784_15 Datasheet
197Kb / 5P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com