Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD62503PFG Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TD62503PFG
Description  7ch Single Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62503PFG Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TD62503PFG Datasheet HTML 1Page - Toshiba Semiconductor TD62503PFG Datasheet HTML 2Page - Toshiba Semiconductor TD62503PFG Datasheet HTML 3Page - Toshiba Semiconductor TD62503PFG Datasheet HTML 4Page - Toshiba Semiconductor TD62503PFG Datasheet HTML 5Page - Toshiba Semiconductor TD62503PFG Datasheet HTML 6Page - Toshiba Semiconductor TD62503PFG Datasheet HTML 7Page - Toshiba Semiconductor TD62503PFG Datasheet HTML 8Page - Toshiba Semiconductor TD62503PFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TD62501~507PG/FG
2006-06-14
4
Recommended Operating Conditions (Ta
= −40 to 85°C)
Characteristics
Symbol
Condition
Min
Typ.
Max
Unit
Collector-emitter voltage
VCEO
0
35
V
Collector-base voltage
VCBO
0
50
V
Collector current
IC
0
150
mA/ch
Input voltage
TD62506PG/FG
VIN
0
35
V
TD62502PG/FG
14.0
25
TD62503PG/FG
2.4
25
Input voltage
(Output on)
TD62504PG/FG
VIN (ON)
IIN = 1 mA, IC = 10 mA
7.0
25
V
TD62502PG/FG
0
7.0
TD62503PG/FG
0
0.4
Input voltage
(Output off)
TD62504PG/FG
VIN (OFF)
IC ≤ 10 µA
0
0.8
V
TD62501PG/FG
TD62505PG/FG
Input current
TD62507PG/FG
IIN
0
10
mA
PG
0.360
Power dissipation
FG
PD
(Note 1)
0.325
W
Note 1: 30
× 30 × 1.6 mm Cu 50%
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output leakage current
ICEX
1
VCE = 25 V, VIN = 0 V
10
µA
IIN = 1 mA, IC = 10 mA
0.2
Collector-emitter saturation voltage
VCE (sat)
2
IIN = 3 mA, IC = 150 mA
(Note 1)
0.8
V
(Note 2)
70
DC Current transfer ratio
(Note 3)
hFE
2
VCE = 10 V, IC = 10 mA
50
Turn-on delay
tON
4
50
ns
Turn−off delay
tOFF
4
VOUT = 35 V, RL = 3.3 kΩ
CL = 15 pF
200
ns
Note 1: Except TD62502PG/FG Only
Note 2: Only TD62501PG/FG, TD62505PG/FG, TD62506PG/FG, TD62507PG/FG
Note 3: Only TD62502PG/FG, TD62503PG/FG, TD62504PG/FG


Numéro de pièce similaire - TD62503PFG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62503P TOSHIBA-TD62503P Datasheet
339Kb / 9P
   7 SINGLE DRIVER
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
More results

Description similaire - TD62503PFG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62504P-H TOSHIBA-TD62504P-H Datasheet
200Kb / 5P
   7CH SINGLE DRIVER : COMMON DMITTRER
TD62502FNG TOSHIBA-TD62502FNG Datasheet
144Kb / 8P
   7ch Single Driver: Common Emitter
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
logo
Rohm
BD6757KN ROHM-BD6757KN Datasheet
232Kb / 6P
   7ch Stepping Motor Driver
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com