Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD62782AP Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TD62782AP
Description  8CH HIGH−VOLTAGE SOURCE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62782AP Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TD62782AP Datasheet HTML 1Page - Toshiba Semiconductor TD62782AP Datasheet HTML 2Page - Toshiba Semiconductor TD62782AP Datasheet HTML 3Page - Toshiba Semiconductor TD62782AP Datasheet HTML 4Page - Toshiba Semiconductor TD62782AP Datasheet HTML 5Page - Toshiba Semiconductor TD62782AP Datasheet HTML 6Page - Toshiba Semiconductor TD62782AP Datasheet HTML 7Page - Toshiba Semiconductor TD62782AP Datasheet HTML 8Page - Toshiba Semiconductor TD62782AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TD62781,782AP/AF
2006-06-13
1
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62781AP,TD62781AF
TD62782AP,TD62782AF
8CH HIGH−VOLTAGE SOURCE DRIVER
The TD62781AP / AF Series are comprised of eight source
current Transistor Array.
These drivers are specifically designed for fluorescent display
applications.
Applications include relay, hammer and lamp drivers.
FEATURES
High output voltage: VOUT = 60 V (Min)
Output current (single output) IOUT = −50 mA / ch (Max)
Pull−down resistors / each output
Single supply voltage
Input compatible with various types of logic
TYPE
DESIGNATION
TD62781AP / AF
TTL, 5 V CMOS
TD62782AP / AF
6~15 V PMOS CMOS
PIN CONNECTION (TOP VIEW)
SCHEMATICS (EACH DRIVER)
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
TD62781AP
TD62782AP
TD62781AF
TD62782AF
Weight
DIP18-P-300-2.54D: 1.47 g (typ.)
SOP18-P-375-1.27: 0.41 g (typ.)


Numéro de pièce similaire - TD62782AP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD62782AP TOSHIBA-TD62782AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
More results

Description similaire - TD62782AP

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com