Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCR5SB43 Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TCR5SB43
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB43 Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TCR5SB43 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB43 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB43 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB43 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB43 Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB43 Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB43 Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB43 Datasheet HTML 12Page - Toshiba Semiconductor TCR5SB43 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
9
3)
Output Voltage vs. Ambient temperature
TCR5SB30
2.9
3.0
3.1
VIN = 4 V,
CIN = 0.1 μF, COUT = 1 μF
0
60
100
200
Output current IOUT (mA)
20
40
80
120 140 160 180
TCR5SB50
4.9
5.0
5.1
VIN = 6 V,
CIN = 0.1 μF, COUT = 1 μF
0
60
100
200
Output current IOUT (mA)
20
40
80
120 140 160 180
−50
2.96
−25
0
25
75
50
2.98
3.0
3.02
3.04
VIN = 4 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
100
TCR5SB30
Ambient temperature Ta (°C)
−50
1.48
−25
0
25
75
50
1.49
1.5
1.51
1.52
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
100
TCR5SB15
Ambient temperature Ta (°C)
−50
4.96
−25
0
25
75
50
4.98
5.0
5.02
5.04
VIN = 6 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
100
TCR5SB50
Ambient temperature Ta (°C)
−50
1.78
−25
0
25
75
50
1.79
1.8
1.81
1.82
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
100
TCR5SB18
Ambient temperature Ta (°C)


Numéro de pièce similaire - TCR5SB43

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SB43A TOSHIBA-TCR5SB43A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB43U TOSHIBA-TCR5SB43U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Description similaire - TCR5SB43

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com