Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCR5SB23 Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TCR5SB23
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB23 Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TCR5SB23 Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB23 Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB23 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB23 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB23 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB23 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB23 Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB23 Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB23 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
7
resistance rate of the power supply voltage, characteristic of Input Transient Response, the ripple rejection shows
an extremely superior characteristics. Therefore these devices are suitable for use as RF block for every cellular
phone system.
Attention in Use
Output Capacitors
Ceramic capacitors can be used for these devices. However, because of the type of the capacitors, there might be
unexpected thermal features.
Please consider application condition for selecting capacitors. And Toshiba
recommend the ESR of ceramic capacitor is under 10 Ω.
Mounting
The long distance between IC and output capacitor might affect phase assurance by impedance in wire and inductor.
For stable power supply, output capacitor need to mount near IC as much as possible. Also GND pattern need to
be large and make the wire impedance small as possible.
Permissible Loss
Please have enough design patterns for expected maximum permissible loss.
And under consideration of
surrounding temperature, input voltage, and output current etc, we recommend proper dissipation ratings for
maximum permissible loss; in general maximum dissipation rating is 70 to 80 percent.
Overcurrent Protection Circuit
Overcurrent protection circuit is designed in these products, but this does not assure for the suppression of uprising
device operation. If output pins and GND pins are shorted out, these products might be break down.
In use of these products, please read through and understand dissipation idea for absolute maximum ratings from
the above mention or our ‘Semiconductor Reliability Handbook’.
Then use these products under absolute
maximum ratings in any condition. Furthermore, Toshiba recommend inserting failsafe system into the design.
Input Transient Response (TCR5SB30)
Time t (ms)
0
1
4
5
8
10
Input Voltage
3.0 V
2
3
6
7
9
Output Voltage
3.1 V
3.4 V
Ta
= 25°C, CIN = 0.1 μF,
Cout = 1μF,
VIN: 3.4 V → 3.1 V, Iout = 50 mA
Frequency f (Hz)
0
10
100
1 k
10 k
100 k 300 k
10
20
30
40
50
60
70
80
VIN = 4.0 V , IOUT = 10 mA
Vripple = 500 mVp−p
CIN = none, Ta = 25°C
90
COUT = 10 μF
COUT = 1 μF
COUT = 2.2 μF
Ripple rejection Ratio (TCR5SB30)


Numéro de pièce similaire - TCR5SB23

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SB23A TOSHIBA-TCR5SB23A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB23U TOSHIBA-TCR5SB23U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Description similaire - TCR5SB23

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com