Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA62735AFLG Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TCA62735AFLG
Description  Charge Pump type DC/DC Converter for White LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCA62735AFLG Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TCA62735AFLG Datasheet HTML 5Page - Toshiba Semiconductor TCA62735AFLG Datasheet HTML 6Page - Toshiba Semiconductor TCA62735AFLG Datasheet HTML 7Page - Toshiba Semiconductor TCA62735AFLG Datasheet HTML 8Page - Toshiba Semiconductor TCA62735AFLG Datasheet HTML 9Page - Toshiba Semiconductor TCA62735AFLG Datasheet HTML 10Page - Toshiba Semiconductor TCA62735AFLG Datasheet HTML 11Page - Toshiba Semiconductor TCA62735AFLG Datasheet HTML 12Page - Toshiba Semiconductor TCA62735AFLG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TCA62735AFLG
9/18
2007-06-21
Reference data
*This data is provided for reference only. Thorough evaluation and testing should be implemented when
designing your application's mass production design.
Quiescent Current vs. IOUT Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
20
40
60
80
100
120
IOUT Current (mA)
VIN=2.7V
VIN=3.6V
VIN=4.3V
Efficiency vs. VIN
0
10
20
30
40
50
60
70
80
90
100
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
VIN (V)
4LEDs at 20mA LED Vf=3.51V
Quiescent Current vs. VIN
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.83.0
3.23.4
3.63.8
4.04.2
VIN (V)
4LEDs at 30mA
4LEDs at 20mA
4LEDs at 5mA
Efficiency vs. IOUT
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
IOUT (mA)
VIN=3.0V
VIN=3.3V
VIN=3.6V
VIN=3.9V
VIN=4.2V
LED Vf=3.3V
Ta=25°C
Ta=25°C
Ta=25°C
Ta=25°C


Numéro de pièce similaire - TCA62735AFLG

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TCA62735AFLG MARKTECH-TCA62735AFLG Datasheet
375Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
More results

Description similaire - TCA62735AFLG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Marktech Corporate
TCA62735AFLG MARKTECH-TCA62735AFLG Datasheet
375Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Toshiba Semiconductor
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Fairchild Semiconductor
FAN5609 FAIRCHILD-FAN5609 Datasheet
112Kb / 11P
   LED Driver with Adaptive Charge Pump DC/DC Converter
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com