Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4538BP Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC4538BP
Description  Dual Precision Retriggerable/Resettable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4538BP Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC4538BP Datasheet HTML 1Page - Toshiba Semiconductor TC4538BP Datasheet HTML 2Page - Toshiba Semiconductor TC4538BP Datasheet HTML 3Page - Toshiba Semiconductor TC4538BP Datasheet HTML 4Page - Toshiba Semiconductor TC4538BP Datasheet HTML 5Page - Toshiba Semiconductor TC4538BP Datasheet HTML 6Page - Toshiba Semiconductor TC4538BP Datasheet HTML 7Page - Toshiba Semiconductor TC4538BP Datasheet HTML 8Page - Toshiba Semiconductor TC4538BP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC4538BP/BF
2007-10-01
5
Dynamic Electrical Characteristics (Ta = 25°C, VSS = 0 V, CL = 50 pF)
Test Condition
Characteristics
Symbol
VDD (V)
Min
Typ.
Max
Unit
Output transition time
(low to high)
tTLH
5
10
15
80
50
40
200
100
80
ns
Output transition time
(high to low)
tTHL
5
10
15
80
50
40
200
100
80
ns
Propagation delay time
(A, B-Q, Q )
tpLH
tpHL
5
10
15
380
150
100
760
300
220
ns
Propagation delay time
(CD-Q, Q )
tpLH
tpHL
5
10
15
280
110
75
560
250
190
ns
Min input pulse width
(A, B)
tWH
tWL
5
10
15
60
30
25
120
60
50
ns
Min pulse width
(CD)
tWL
5
10
15
95
45
35
190
90
70
ns
Min retrigger time
trr
5
10
15
0
0
0
ns
RX = 100 kΩ
CX = 0.002 μF
5
10
15
206
204
205
μs
RX = 100 kΩ
CX = 0.1 μF
5
10
15
9.30
9.50
9.55
9.95
10.00
10.05
10.40
10.50
10.65
ms
Output pulse width
twOUT
RX = 100 kΩ
CX = 10 μF
5
10
15
0.98
1.00
1.01
s
Pulse width match between circuits in
the same package
ΔtwOUT
100
)
1
Q
(
t
)
1
Q
(
t
)
2
Q
(
t
wOUT
w
wOUT
×
5
10
15
±1
±1
±1
%
Input capacitance
CIN
5
7.5
pF


Numéro de pièce similaire - TC4538BP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
More results

Description similaire - TC4538BP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com