Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4071BFN Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC4071BFN
Description  Quad 2-Input OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4071BFN Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC4071BFN Datasheet HTML 1Page - Toshiba Semiconductor TC4071BFN Datasheet HTML 2Page - Toshiba Semiconductor TC4071BFN Datasheet HTML 3Page - Toshiba Semiconductor TC4071BFN Datasheet HTML 4Page - Toshiba Semiconductor TC4071BFN Datasheet HTML 5Page - Toshiba Semiconductor TC4071BFN Datasheet HTML 6Page - Toshiba Semiconductor TC4071BFN Datasheet HTML 7Page - Toshiba Semiconductor TC4071BFN Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC4071BP/BF/BFN
2007-10-01
3
Static Electrical Characteristics (VSS = 0 V)
Test Condition
−40°C
25°C
85°C
Characteristics
Sym-
bol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level output
voltage
VOH
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.00
10.00
15.00
4.95
9.95
14.95
V
Low-level output
voltage
VOL
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
0.05
0.05
0.05
0.00
0.00
0.00
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH = 4.6 V
VOH = 2.5 V
VOH = 9.5 V
VOH = 13.5 V
5
5
10
15
−0.61
−2.50
−1.50
−4.00
−0.51
−2.10
−1.30
−3.40
−1.0
−4.0
−2.2
−9.0
−0.42
−1.70
−1.10
−2.80
Output high current
IOH
VIN = VSS, VDD
mA
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5
10
15
0.61
1.50
4.00
0.51
1.30
3.40
1.5
3.8
15.0
0.42
1.10
2.80
Output low current
IOL
VIN = VSS
mA
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.50
8.25
3.5
7.0
11.0
Input high voltage
VIH
⎪IOUT⎪ < 1 μA
V
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Input low voltage
VIL
⎪IOUT⎪ < 1 μA
V
“H” level
IIH
VIH = 18 V
18
0.1
10
5
0.1
1.0
Input
current
“L” level
IIL
VIL = 0 V
18
−0.1
−10−5
−0.1
−1.0
μA
Quiescent supply
current
IDD
VIN = VSS, VDD
(Note)
5
10
15
0.25
0.50
1.00
0.001
0.001
0.002
0.25
0.50
1.00
7.5
15.0
30.0
μA
Note: All valid input combinations


Numéro de pièce similaire - TC4071BFN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4071BFN TOSHIBA-TC4071BFN Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
More results

Description similaire - TC4071BFN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com