Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4066BF Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC4066BF
Description  Quad Bilateral Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4066BF Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC4066BF Datasheet HTML 1Page - Toshiba Semiconductor TC4066BF Datasheet HTML 2Page - Toshiba Semiconductor TC4066BF Datasheet HTML 3Page - Toshiba Semiconductor TC4066BF Datasheet HTML 4Page - Toshiba Semiconductor TC4066BF Datasheet HTML 5Page - Toshiba Semiconductor TC4066BF Datasheet HTML 6Page - Toshiba Semiconductor TC4066BF Datasheet HTML 7Page - Toshiba Semiconductor TC4066BF Datasheet HTML 8Page - Toshiba Semiconductor TC4066BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC4066BP/BF/BFN/BFT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4066BP,TC4066BF,TC4066BFN,TC4066BFT
TC4066B Quad Bilateral Switch
TC4066B contains four independent circuits of bidirectional
switches. When control input CONT is set to “H” level, the
impedance between input and output of the switch becomes low
and when it is set to “L” level, the impedance becomes high. This
can be applied for switching of analog signals and digital signals.
• ON-resistance, Ron
250
Ω (typ.): VDD − VSS = 5 V
110
Ω (typ.): VDD − VSS = 10 V
70
Ω (typ.): VDD − VSS = 15 V
• OFF-resistance, Roff
Roff (typ.)
> 109 Ω
Pin Assignment
Truth Table
Control
Impedance between
IN/OUT-OUT/IN
(Note)
H
0.5 to 5
× 102 Ω
L
>109 Ω
Note:
See static electrical characteristics
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC4066BP
TC4066BF
TC4066BFN
TC4066BFT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VDD
9
CONT 4
IN/OUT 4
8
14
13
12
11
10
1
2
3
4
5
6
7
CONT 2
CONT 3
VSS
OUT/IN 3
IN/OUT 3
(top view)
OUT/IN 1
OUT/IN 2
IN/OUT 1
IN/OUT 2
CONT 1
OUT/IN 4


Numéro de pièce similaire - TC4066BF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4066BF TOSHIBA-TC4066BF Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
TC4066BFN TOSHIBA-TC4066BFN Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
TC4066BFT TOSHIBA-TC4066BFT Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results

Description similaire - TC4066BF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com