Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4040BFN Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC4040BFN
Description  12 Stage Ripple-Carry Binary Counter/Dividers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4040BFN Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC4040BFN Datasheet HTML 1Page - Toshiba Semiconductor TC4040BFN Datasheet HTML 2Page - Toshiba Semiconductor TC4040BFN Datasheet HTML 3Page - Toshiba Semiconductor TC4040BFN Datasheet HTML 4Page - Toshiba Semiconductor TC4040BFN Datasheet HTML 5Page - Toshiba Semiconductor TC4040BFN Datasheet HTML 6Page - Toshiba Semiconductor TC4040BFN Datasheet HTML 7Page - Toshiba Semiconductor TC4040BFN Datasheet HTML 8Page - Toshiba Semiconductor TC4040BFN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC4040BP/BF/BFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4040BP,TC4040BF,TC4040BFN
TC4040B 12 Stage Ripple-Carry Binary Counter/Dividers
TC4040B is 12 stage ripple carry binary counter having
asynchronous clear function. This counter advances its counting
stage by falling edge of CLOCK input. When RESET input is
placed “H”, all the circuits are reset regardless of CLOCK input
making all the outputs (Q1 through Q12) to be “L”.
This is most suitable for frequency dividers, control circuits
and timing circuits.
Pin Assignment
Truth Table
CLOCK
Δ
RESET
Output State
*
H
All Outputs
= “L”
L
No Change
L
Advance to Next State
Δ: Level change
*: Don’t care
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC4040BP
TC4040BF
TC4040BFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Numéro de pièce similaire - TC4040BFN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4040BFN TOSHIBA-TC4040BFN Datasheet
260Kb / 7P
   12 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
More results

Description similaire - TC4040BFN

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
logo
Toshiba Semiconductor
TC4040BP TOSHIBA-TC4040BP Datasheet
260Kb / 7P
   12 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
STMicroelectronics
HCF4040 STMICROELECTRONICS-HCF4040 Datasheet
65Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
   7 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
   7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
   14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
TC4020BP TOSHIBA-TC4020BP_07 Datasheet
372Kb / 9P
   14 Stage Ripple-Carry Binary Counter/Dividers
TC74VHC4040F TOSHIBA-TC74VHC4040F_07 Datasheet
269Kb / 11P
   12-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com