Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC94A39FB Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TC94A39FB
Description  Single-Chip CD Processor with Built-in Controller (CD-DX)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A39FB Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TC94A39FB Datasheet HTML 5Page - Toshiba Semiconductor TC94A39FB Datasheet HTML 6Page - Toshiba Semiconductor TC94A39FB Datasheet HTML 7Page - Toshiba Semiconductor TC94A39FB Datasheet HTML 8Page - Toshiba Semiconductor TC94A39FB Datasheet HTML 9Page - Toshiba Semiconductor TC94A39FB Datasheet HTML 10Page - Toshiba Semiconductor TC94A39FB Datasheet HTML 11Page - Toshiba Semiconductor TC94A39FB Datasheet HTML 12Page - Toshiba Semiconductor TC94A39FB Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TC94A39FAG/FB
2003-04-01
9
Pin
No.
Symbol
Pin Name
Function and Operation
Remarks
8
MVDD
9
MVSS
Power supply pins for
controller block
Power supply pins for the controller block.
Normally, VDD = 3.0 to 3.6 V.
When only the CPU operates (when the
75-kHz/32.768-kHz oscillator is used), it can
operate at
VDD = 1.8 to 3.6 V.
In the backup state (when the CKSTP
instruction is executed), current dissipation
decreases (10
mA or below), allowing the power
supply voltage to be reduced to 1.0 V.
Raising the voltage on MVDD pin from 0 V to
1.8 V or higher triggers a system reset, causing
the program to start from address 0 (power-on
reset).
(Note) At power-on reset operation, allow 1 ms
to 50 ms while the device power supply
voltage rises.
(Note) The backup current is the total of
currents for CVDD, MVDD and DVDD.
17
PDO
Output pin for a phase error signal between the
EFM and PLCK signals.
Drives one of four values: AVDD, Hi-Z,
VREF, AVSS
18
TMAX
TMAX detection result output pin.
Longer than specified cycle: Drives a high
level (AVDD)
Shorter than specified cycle: Drives a low
level (AVSS)
Within specified cycle: Hi-Z
19
LPFN
Inverted input pin for PLL low-pass filter
amplifier.
20
LPFO
Output pin for PLL low-pass filter amplifier.
21
VCOF
VCO filter pin
22
AVSS
CD processor control
input/output pin
Ground pin for analog block
¾
MVDD
MVSS
AVDD
AVSS
VCO
VREF
AVDD
LPFN
LPFO
VREF
VCOF
AVDD
VREF
Rout4
AVSS


Numéro de pièce similaire - TC94A39FB

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC94A04AF TOSHIBA-TC94A04AF Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFDG TOSHIBA-TC94A04AFDG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A04AFG TOSHIBA-TC94A04AFG Datasheet
702Kb / 42P
   1 chip Audio Digital Processor
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
   Single-Chip CD Processor with Built-in Controller
More results

Description similaire - TC94A39FB

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC94A23F TOSHIBA-TC94A23F Datasheet
219Kb / 20P
   Single-chip CD Processor with Built-in Controller
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
   Single-Chip CD Processor with Built-in Controller
TC9248BF TOSHIBA-TC9248BF Datasheet
622Kb / 15P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9284BF TOSHIBA-TC9284BF Datasheet
651Kb / 16P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
   CD SINGLE-CHIP PROCESSOR
TC9283F TOSHIBA-TC9283F Datasheet
743Kb / 16P
   CD SINGLE-CHIP PROCESSOR
TC94A70FG TOSHIBA-TC94A70FG Datasheet
168Kb / 2P
   Single-chip CD-MP3 Processor
Copyright 1/2006
logo
Sony Corporation
CXD2545Q SONY-CXD2545Q Datasheet
5Mb / 102P
   CD DIGITAL SIGNAL PROCESSOR WITH BUILT-IN DIGITAL SERV
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com