Moteur de recherche de fiches techniques de composants électroniques |
|
TC75S54F Fiches technique(PDF) 3 Page - Toshiba Semiconductor |
|
TC75S54F Fiches technique(HTML) 3 Page - Toshiba Semiconductor |
3 / 11 page TC75S54F/FU/FE 2007-11-01 3 AC Characteristics (VDD = 3.0 V, VSS = GND, Ta = 25°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Slew rate SR ⎯ ⎯ ⎯ 0.7 ⎯ V/ μs Unity gain cross frequency fT ⎯ ⎯ ⎯ 0.9 ⎯ MHz AC Characteristics (VDD = 1.8 V, VSS = GND, Ta = 25°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Slew rate SR ⎯ ⎯ ⎯ 0.6 ⎯ V/ μs Unity gain cross frequency fT ⎯ ⎯ ⎯ 0.8 ⎯ MHz Test Circuit 1. SVRR, VIO 2. CMRR, CMVIN VOUT VDD RF RS RS VDD/2 VOUT VDD RF RS RS VDD/2 VIN • SVRR For each of the two VDD values, measure the VOUT value, as indicated below, and calculate the value of SVRR using the equation shown. When VDD = 1.8 V, VDD = VDD1 and VOUT = VOUT1 When VDD = 7.0 V, VDD = VDD2 and VOUT = VOUT2 S R F R S R 2 VDD 1 VDD 2 VOUT 1 VOUT og 20 SVRR ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + × − − = l • VIO Measure the value of VOUT and calculate the value of VIO using the following equation. S R F R S R 2 VDD VOUT VIO + × ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − = • CMRR Measure the VOUT value, as indicated below, and calculate the value of the CMRR using the equation shown. When VIN = 0.0 V, VIN = VIN1 and VOUT = VOUT1 When VIN = 2.1 V, VIN = VIN2 and VOUT = VOUT2 S R F R S R 2 VIN 1 VIN 2 VOUT 1 VOUT og 20 CMRR ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ + × − − = l • CMVIN Input range within which the CMRR specification guarantees VOUT value (as varied by the VIN value). |
Numéro de pièce similaire - TC75S54F_07 |
|
Description similaire - TC75S54F_07 |