Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHC299F Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TC74VHC299F
Description  8-Bit Pipo Shift Register with Asynchronous Clear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC299F Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74VHC299F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74VHC299F_07 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC74VHC299F/FT
2007-10-01
8
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tw (H)
tw (L)
3.3 ± 0.3
5.0 ± 0.5
7.0
7.0
8.0
8.0
ns
Minimum pulse width
( CLR )
tw (L)
3.3 ± 0.3
5.0 ± 0.5
6.0
6.0
7.0
7.0
ns
Minimum set-up time
(SL, SR)
ts
3.3 ± 0.3
5.0 ± 0.5
8.5
5.0
10.0
5.0
ns
Minimum set-up time
(A to H)
ts
3.3 ± 0.3
5.0 ± 0.5
8.0
4.0
9.0
4.0
ns
Minimum set-up time
(S0, S1)
ts
3.3 ± 0.3
5.0 ± 0.5
14.5
7.0
17.0
8.0
ns
Minimum hold time
(SL, SR)
th
3.3 ± 0.3
5.0 ± 0.5
1.0
1.0
1.0
1.0
ns
Minimum hold time
(A to H)
th
3.3 ± 0.3
5.0 ± 0.5
0.5
1.5
0.5
1.5
ns
Minimum hold time
(S0, S1)
th
3.3 ± 0.3
5.0 ± 0.5
0
0.5
0
0.5
ns
Minimum removal time
( CLR )
trem
3.3 ± 0.3
5.0 ± 0.5
5.0
4.0
6.0
4.0
ns
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic
VOL
VOLP
CL = 50 pF
5.0
0.9
1.2
V
Quiet output minimum dynamic
VOL
VOLV
CL = 50 pF
5.0
−0.9
−1.2
V
Minimum high level dynamic input
Voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low high level dynamic
input Voltage
VILD
CL = 50 pF
5.0
1.5
V


Numéro de pièce similaire - TC74VHC299F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC299FS TOSHIBA-TC74VHC299FS Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74VHC299FT TOSHIBA-TC74VHC299FT Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299FT TOSHIBA-TC74VHC299FT Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74VHC299FT TOSHIBA-TC74VHC299FT_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299FW TOSHIBA-TC74VHC299FW Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
More results

Description similaire - TC74VHC299F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com