Moteur de recherche de fiches techniques de composants électroniques |
|
ST7FLITE05Y0M6TR Fiches technique(PDF) 5 Page - STMicroelectronics |
|
ST7FLITE05Y0M6TR Fiches technique(HTML) 5 Page - STMicroelectronics |
5 / 124 page ST7LITE0xY0, ST7LITESxY0 5/124 1 DESCRIPTION The ST7LITE0x and ST7SUPERLITE (ST7LITESx) are members of the ST7 microcon- troller family. All ST7 devices are based on a com- mon industry-standard 8-bit core, featuring an en- hanced instruction set. The ST7LITE0x and ST7SUPERLITE feature FLASH memory with byte-by-byte In-Circuit Pro- gramming (ICP) and In-Application Programming (IAP) capability. Under software control, the ST7LITE0x and ST7SUPERLITE devices can be placed in WAIT, SLOW, or HALT mode, reducing power consump- tion when the application is in idle or standby state. The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 micro- controllers feature true bit manipulation, 8x8 un- signed multiplication and indirect addressing modes. For easy reference, all parametric data are located in section 13 on page 81. Figure 1. General Block Diagram 8-BIT CORE ALU RESET PORT B PORT A SPI 8-BIT ADC w/ WATCHDOG PB4:0 (5 bits) 1 MHz. RC OSC Internal CLOCK CONTROL RAM (128 Bytes) PA7:0 (8 bits) VSS VDD POWER SUPPLY FLASH + PLL x 4 or x 8 LITE TIMER MEMORY DATA EEPROM (128 Bytes) 12-BIT AUTO- RELOAD TIMER LVD/AVD (1 or 1.5K Bytes) 1 |
Numéro de pièce similaire - ST7FLITE05Y0M6TR |
|
Description similaire - ST7FLITE05Y0M6TR |