Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM06502350 Fiches technique(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

No de pièce SM06502350
Description  Electrical Specifications: Mechanical Specifications:
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SM06502350 Fiches technique(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SM06502350 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SM06 502350
Electrical Specifications:
Mechanical Specifications:
Revision Date: March 19, 2003
Resistance @ 25°C
5.0 K
Ω ± 10%
Beta
3500
± 2%
Temperature Coefficient (
α)
-4.5% / °C
Dissipation Constant
1.50 mW/°C
Thermal Time Constant
5.0 Seconds
Maximum Continuous Power (P25)
200.0 mW
Operating Temperature
-40 °C
≈ +125°C
Termination
Nickel Barrier
Material Type
“M”
L
1.6
± 0.15 mm
W
0.80
± 0.15 mm
T
0.5
± 0.10 mm
L1
1.20
± 0.20 mm
Tape &
Reel
Per Mil Std 201
Method 208
Qty/Reel
5000 pcs


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SM06103370 Electrical Specifications: Mechanical Specifications: 1  AMETHERM Circuit Protection Thermistors
SM06104410 Electrical Specifications: Mechanical Specifications: 1  AMETHERM Circuit Protection Thermistors
SM06104450 Electrical Specifications: Mechanical Specifications: 1  2  AMETHERM Circuit Protection Thermistors
SM06154410 Electrical Specifications: Mechanical Specifications: 1  AMETHERM Circuit Protection Thermistors
SM06154450 Electrical Specifications: Mechanical Specifications: 1  2  AMETHERM Circuit Protection Thermistors
SM06223395-HT Electrical Specifications: Mechanical Specifications: 1  AMETHERM Circuit Protection Thermistors
SM06472350 Electrical Specifications: Mechanical Specifications: 1  AMETHERM Circuit Protection Thermistors
JZC-22F_05 Suitable for household electrical appliances automation system electronic equipment instrument and meter application. 1  2  3  DB Lectro Inc
AGM3224S MECHANICAL DATA 1  2  3  4  5  More AZ Displays
M10FF3 ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS 1  Voltage Multipliers Inc.