Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VCXR162652FT Fiches technique(PDF) 11 Page - Toshiba Semiconductor

No de pièce TC74VCXR162652FT
Description  Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162652FT Fiches technique(HTML) 11 Page - Toshiba Semiconductor

Back Button TC74VCXR162652FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162652FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162652FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162652FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXR162652FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXR162652FT_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXR162652FT_07 Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXR162652FT_07 Datasheet HTML 13Page - Toshiba Semiconductor TC74VCXR162652FT_07 Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TC74VCXR162652FT
2007-10-19
11
AC Test Circuit
AC Waveform
Figure 1
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
@VCC = 3.3 ± 0.3 V
VCC × 2
@VCC = 2.5 ± 0.2 V
@VCC = 1.8 V
tpHZ, tpZH
GND
6.0 V or VCC × 2
Open
GND
Switch
Output
Measure
CL = 30 pF
RL = 500 Ω
Figure 2 tpLH, tpHL
90%
10%
Output
(Bn, An)
Input
(An, Bn,
SAB, SBA)
VOL
VOH
VIH
VM
tpLH
tpHL
tr 2.0 ns
VM
GND
tf 2.0 ns
Figure 3 tpLH, tpHL, tw, ts, th
Output
(Bn, An)
10%
tr 2.0 ns
90%
VM
VIH
GND
VM
ts (H)
th (H)
th (L)
ts (L)
tw (H)
tw (L)
Input
(CAB, CBA)
tf 2.0 ns
VIH
GND
Input
(An, Bn)
VM
VOH
VOL
tpLH
tpHL


Numéro de pièce similaire - TC74VCXR162652FT_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC74VCXR162652FT_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT_07 Datasheet
243Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT_07 Datasheet
250Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCX16652FT TOSHIBA-TC74VCX16652FT_07 Datasheet
242Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com