Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM06154450 Datasheet(Fiches technique) 1 Page - AMETHERM Circuit Protection Thermistors

Numéro de pièce SM06154450
Description  Electrical Specifications: Mechanical Specifications:
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SM06154450 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SM06154450 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors SM06154450 Datenblatt HTML 2Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SM06 154450
Electrical Specifications:
Mechanical Specifications:
Revision Date: March 19, 2003
Resistance @ 25°C
150.0K
Ω ± 10%
Beta
4500
± 2%
Temperature Coefficient (
α)
-4.78% / °C
Dissipation Constant
1.50 mW/°C
Thermal Time Constant
5.0 Seconds
Maximum Continuous Power (P25)
200.0 mW
Operating Temperature
-40°C
≈ +125°C
Termination
Nickel Barrier
Material Type
Curve Attached
L
1.6
± 0.15 mm
W
0.80
± 0.15 mm
T
0.5
± 0.10 mm
L1
1.20
± 0.20 mm
Tape &
Reel
Per Mil Std 201
Method 208
Qty/Reel
5000 pcs


Html Pages

1  2