Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM06103370 Datasheet(Fiches technique) 1 Page - AMETHERM Circuit Protection Thermistors

Numéro de pièce SM06103370
Description  Electrical Specifications: Mechanical Specifications:
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SM06103370 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SM06103370 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SM06 103370
Electrical Specifications:
Mechanical Specifications:
Revision Date: March 19, 2003
Resistance @ 25C
10.0K
? 10%
Beta
3700
2%
Temperature Coefficient (
?)
-4.5% / C
Dissipation Constant
1.50 mW/C
Thermal Time Constant
5.0 Seconds
Maximum Continuous Power (P25)
200.0 mW
Operating Temperature
-40 C
? +125C
Termination
Nickel Barrier
Material Type
?N?
L
1.6
0.15 mm
W
0.80
0.15 mm
T
0.5
0.10 mm
L1
1.20
0.20 mm
Tape &
Reel
Per Mil Std 201
Method 208
Qty/Reel
5000 pcs


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn