Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VCXR162245FT Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74VCXR162245FT
Description  Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162245FT Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74VCXR162245FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXR162245FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXR162245FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXR162245FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXR162245FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXR162245FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162245FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162245FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162245FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VCXR162245FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCXR162245FT
Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
The TC74VCXR162245FT is a high-performance CMOS 16-bit
bus transceiver. Designed for use in 1.8-V, 2.5-V or 3.3-V systems,
it achieves high-speed operation while maintaining the CMOS
low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
This 16 bit bus transceiver is controlled by direction control
(DIR) inputs and output enable (OE) inputs which are common to
each byte. It can be used as two 8-bit transceivers or one 16-bit
transceiver. The direction of data transmission is determined by
the level of the DIR inputs. The OE inputs can be used to disable
the device so that the busses are effectively isolated.
The 26-Ω series resistor helps reducing output overshoot and undershoot without external resistor.
All inputs are equipped with protection circuits against static discharge.
Features (Note)
• 26-Ω series resistors on all outputs
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.4 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 4.3 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 5.7 ns (max) (VCC = 1.8 V)
• output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
• Bidirectional interface between 2.5 V and 3.3 V signals.
• 3.6-V tolerant function and power-down protection is provided on all inputs and outputs
Note:
Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
All floating (high impedance) bus pins must have their input level fixed by means of pull-up or pull-down
resistors.
Weight: 0.25 g (typ.)


Numéro de pièce similaire - TC74VCXR162245FT_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT Datasheet
375Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC74VCXR162245FT_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16646FT TOSHIBA-TC74VCX16646FT_07 Datasheet
243Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT_07 Datasheet
250Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCX16652FT TOSHIBA-TC74VCX16652FT_07 Datasheet
242Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT_07 Datasheet
249Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162543FT TOSHIBA-TC74VCXR162543FT_07 Datasheet
235Kb / 13P
   Low-Voltage 16-Bit Registered Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16543FT TOSHIBA-TC74VCX16543FT_07 Datasheet
227Kb / 13P
   Low-Voltage 16-Bit Registered Transceiver with 3.6-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com