Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2879-01 Fiches technique(PDF) 1 Page - Fuji Electric

No de pièce 2SK2879-01
Description  N-CHANNEL SILICON POWER MOSFET FAP-2S Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2879-01 Fiches technique(HTML) 1 Page - Fuji Electric

  2SK2879-01_07 Datasheet HTML 1Page - Fuji Electric 2SK2879-01_07 Datasheet HTML 2Page - Fuji Electric 2SK2879-01_07 Datasheet HTML 3Page - Fuji Electric 2SK2879-01_07 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TO-3P
Item
Symbol
Ratings
Unit
Drain-source voltage
VDS
500
Continuous drain current
ID
±20
Pulsed drain current
ID(puls]
±80
Gate-source voltage
VGS
±30
Repetitive or non-repetitive
IAR *2
20
Maximum Avalanche Energy
EAS*1
761
Max. power dissipation
PD
150
Operating and storage
Tch
+150
temperature range
Tstg
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK2879-01
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
FAP-2S Series
Equivalent circuit schematic
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=500V
VGS=±30V
ID=10A
VGS=10V
ID=10A
VDS=25V
VCC=300V ID=20A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
mA
nA
S
pF
A
V
ns
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
0.83
35.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=1mA
VGS=0V
ID=1mA
VDS=VGS
Tch=25°C
VGS=0V
Tch=125°C
VDS=0V
VDS=25V
VGS=0V
f=1MHz
L=3.49 mH Tch=25°C
IF=2xIDR VGS=0V Tch=25°C
IF=IDR VGS=0V
-di/dt=100A/µs
Tch=25°C
V
A
A
V
A
mJ
W
°C
°C
*1 L=3.49mH, Vcc=50V
*2 Tch=150°C
500
2.5
3.0
3.5
10
500
0.2
1.0
10
100
0.33
0.38
7.5
15.0
2200
3300
330
500
140
210
20
30
130
200
160
240
105
160
20
1.1
1.65
650
10.0
-55 to +150
<
Gate(G)
Source(S)
Drain(D)
Outline Drawings
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters


Numéro de pièce similaire - 2SK2879-01_07

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
2SK2879-01 FUJI-2SK2879-01 Datasheet
252Kb / 3P
   N-channel MOS-FET
logo
Inchange Semiconductor ...
2SK2879-01 ISC-2SK2879-01 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK2879-01_07

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
2SK3598-01 FUJI-2SK3598-01 Datasheet
97Kb / 4P
   N-CHANNEL SILICON POWER MOSFET Super FAP-G Series
2SK3687-01MR FUJI-2SK3687-01MR Datasheet
109Kb / 4P
   N-CHANNEL SILICON POWER MOSFET Super FAP-G Series
2SK3875-01 FUJI-2SK3875-01 Datasheet
114Kb / 4P
   FUJI POWER MOSFET Super FAP-G Series
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Hitachi Semiconductor
HAF2008 HITACHI-HAF2008 Datasheet
24Kb / 6P
   SILICON N CHANNEL MOSFET SERIES POWER SWITCHING
logo
Renesas Technology Corp
HAF2021 RENESAS-HAF2021 Datasheet
92Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2007 RENESAS-HAF2007 Datasheet
95Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2014 RENESAS-HAF2014 Datasheet
87Kb / 8P
   Silicon N Channel MOSFET Series Power Switching
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com