Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VCX245FT Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TC74VCX245FT
Description  Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX245FT Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VCX245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX245FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX245FT Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC74VCX245FT/FK/FTG
2007-10-19
6
DC Characteristics (Ta = −40~85°C, 1.2 V <= VCC < 1.4 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.2~1.4
0.8
×
VCC
Input voltage
Low level
VIL
1.2~1.4
0.05
×
VCC
V
High level
VOH
VIN = VIH or VIL
IOH = −100 μA
1.2
VCC
0.1
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 100 μA
1.2
0.05
V
Input leakage current
IIN
VIN = 0~3.6 V
1.2
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
1.2
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.2
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.2
±20.0
μA
AC Characteristics (Ta = −40~85°C, Input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω) (Note 1)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.2
1.5
42.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
16.8
1.8
± 0.15
1.5
8.4
2.5
± 0.2
0.8
4.2
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.5
ns
1.2
1.5
49.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
19.6
1.8
± 0.15
1.5
9.8
2.5
± 0.2
0.8
5.6
3-state output enable time
tpZL
tpZH
Figure 1, Figure 3
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
4.5
ns
1.2
1.5
36.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
14.4
1.8
± 0.15
1.5
7.2
2.5
± 0.2
0.8
4.0
3-state output disable time
tpLZ
tpHZ
Figure 1, Figure 3
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.6
ns
1.2
1.5
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.5
1.8
± 0.15
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note 2)
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.5
ns
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 2: This parameter is guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Numéro de pièce similaire - TC74VCX245FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX245FT TOSHIBA-TC74VCX245FT Datasheet
323Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC74VCX245FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com