Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LVX273F Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC74LVX273F
Description  Octal D-Type Flip-Flop with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX273F Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC74LVX273F Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX273F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74LVX273F/FT
2007-10-17
4
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Sym-
bol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
3.0
2.0
2.0
H-level
VIH
3.6
2.4
2.4
2.0
0.5
0.5
3.0
0.8
0.8
Input voltage
L-level
VIL
3.6
0.8
0.8
V
IOH = −50 μA
2.0
1.9
2.0
1.9
IOH = −50 μA
3.0
2.9
3.0
2.9
H-level
VOH
VIN = VIH
or VIL
IOH = −4 mA
3.0
2.58
2.48
IOL = 50 μA
2.0
0
0.1
0.1
IOL = 50 μA
3.0
0
0.1
0.1
Output voltage
L-level
VOL
VIN = VIH
or VIL
IOL = 4 mA
3.0
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
3.6
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
3.6
4.0
40.0
μA
Timing Requirements (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Limit
Limit
Unit
2.7
8.0
9.5
Minimum pulse width
(CK)
tW (L)
tW (H)
3.3
± 0.3
5.5
6.5
ns
2.7
7.5
8.5
Minimum pulse width
( CLR )
tW (L)
3.3
± 0.3
5.0
6.0
ns
2.7
8.0
9.5
Minimum set-up time
ts
3.3
± 0.3
5.5
6.5
ns
2.7
1.0
1.0
Minimum hold time
th
3.3
± 0.3
1.0
1.0
ns
2.7
4.0
4.0
Minimum removal time
( CLR )
trem
3.3
± 0.3
2.5
2.5
ns


Numéro de pièce similaire - TC74LVX273F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
TC74LVX273FT TOSHIBA-TC74LVX273FT Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
TC74LVX273FW TOSHIBA-TC74LVX273FW Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
More results

Description similaire - TC74LVX273F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com