Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LVX240F Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74LVX240F
Description  Octal Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX240F Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74LVX240F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX240F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX240F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX240F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX240F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX240F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX240F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX240F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX240F_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74LVX240,244F/FT
2007-10-17
5
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.7
10.1
1.0
12.5
tpLH
2.7
50
8.2
13.6
1.0
16.0
15
4.3
6.2
1.0
7.5
Propagation delay time
(TC74LVX240)
tpHL
3.3
± 0.3
50
6.8
9.7
1.0
11.0
ns
15
6.1
11.4
1.0
13.5
tpLH
2.7
50
8.6
14.9
1.0
17.0
15
4.7
7.1
1.0
8.5
Propagation delay time
(TC74LVX244)
tpHL
3.3
± 0.3
50
7.2
10.6
1.0
12.0
ns
15
7.1
13.8
1.0
16.5
tpZL
2.7
50
9.6
17.3
1.0
20.0
15
5.5
8.8
1.0
10.5
Output enable time
tpZH
RL = 1 kΩ
3.3
± 0.3
50
8.0
12.3
1.0
14.0
ns
tpLZ
2.7
50
11.6
16.0
1.0
19.0
Output disable time
tpHZ
RL = 1 kΩ
3.3
± 0.3
50
9.7
11.4
1.0
13.0
ns
2.7
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
3.3
± 0.3
50
1.5
1.5
ns
Input capacitance
CIN
(Note 2)
4
10
10
pF
Output capacitance
COUT
6
pF
TC74LVX240
17
Power dissipation capacitance
(Note 3)
CPD
TC74LVX244
19
pF
Note 1: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Note 2: Parameter guaranteed by design.
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


Numéro de pièce similaire - TC74LVX240F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LVX240FT TOSHIBA-TC74LVX240FT Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74LVX240FW TOSHIBA-TC74LVX240FW Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
More results

Description similaire - TC74LVX240F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com