Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX16245FT Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74LCX16245FT
Description  Low-Voltage 16-Bit Bus Transceiver with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16245FT Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX16245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74LCX16245FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX16245FT
Low-Voltage 16-Bit Bus Transceiver with 5-V Tolerant Inputs and Outputs
The TC74LCX16245FT is a high-performance CMOS 16-bit bus
transceiver. Designed for use in 2.5-V or 3.3-V systems, it
achieves high-speed operation while maintaining the CMOS low
power dissipation.
The device is designed for low-voltage (2.5-V or 3.3-V) VCC
applications, but it could be used to interface to 5-V supply
environment for both inputs and outputs.
This 16-bit bus transceiver is controlled by direction control
(DIR) inputs and output enable ( OE ) inputs which are common
to each byte. It can be used as two 8-bit transceiver or one 16-bit
transceiver. The direction of data transmission is determined by
the level of the DIR inputs. The OE inputs can be used to
disable the device so that the busses are effectively isolated.
All inputs are equipped with protection circuits against static discharge.
Features (Note)
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 4.5 ns (max) (VCC = 3.0 to 3.6 V)
• Ouput current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Package: TSSOP
• Bidirectional interface between 5.0 V and low-voltage (2.5-V or 3.3-V) signals
• Power-down protection provided on all inputs and outputs
Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
All floating (high impedance) bus pins must have their input level fixed by means of pull-up or pull-down
resistors.
Weight: 0.25 g (typ.)


Numéro de pièce similaire - TC74LCX16245FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX16245 TOSHIBA-TC74LCX16245 Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16245AFT TOSHIBA-TC74LCX16245AFT Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC74LCX16245FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16245AFT TOSHIBA-TC74LCX16245AFT Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT Datasheet
375Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_10 Datasheet
235Kb / 12P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74VCX16652FT TOSHIBA-TC74VCX16652FT_07 Datasheet
242Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com