Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX245FT Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74LCX245FT
Description  Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX245FT Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX245FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74LCX245F/FT/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX245F,TC74LCX245FT,TC74LCX245FK
Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
The TC74LCX245 is a high-performance CMOS octal bus
transceiver. Designed for use in 3.3-V systems, it achieves
high-speed operation while maintaining the CMOS low power
dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
both inputs and outputs.
The direction of data transmission is determined by the level of
the DIR input. The enable input ( OE ) can be used to disable the
device so that the busses are effectively isolated.
All inputs are equipped with protection circuits against static
discharge.
Features (Note)
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 7.0 ns (max) (VCC = 3.0 to 3.6 V)
• Ouput current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Bidirectional interface between 5.0 V and 3.3 V signals
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 245 type
Note: Do not apply a signal to any bus pins when it is in the
output mode. Damage may result.
All floating (high impedance) bus pins must have their
input levels fixed by means of pull-up or pull-down
resistors.
Weight
SOP20-P-300-1.27A
: 0.22g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
TC74LCX245F
TC74LCX245FT
TC74LCX245FK


Numéro de pièce similaire - TC74LCX245FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX245FT TOSHIBA-TC74LCX245FT Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX245FT TOSHIBA-TC74LCX245FT_10 Datasheet
235Kb / 12P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
More results

Description similaire - TC74LCX245FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_10 Datasheet
235Kb / 12P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS Datasheet
139Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS_07 Datasheet
208Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX646FS TOSHIBA-TC74LCX646FS Datasheet
163Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX646FS TOSHIBA-TC74LCX646FS_07 Datasheet
209Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com