Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SAU04F Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC7SAU04F
Description  Inverter (Un-Buffer)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SAU04F Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC7SAU04F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7SAU04F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7SAU04F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7SAU04F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7SAU04F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7SAU04F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7SAU04F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7SAU04F_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7SAU04F/FU
2007-11-01
4
AC Characteristics (Ta = −40~85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.0
8.4
2.5
± 0.2
0.8
4.2
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
3.5
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIN = 1.8 V, VIL = 0 V
(Note 8)
1.8
0.25
VIN = 2.5 V, VIL = 0 V
(Note 8)
2.5
0.6
Quiet output maximum dynamic VOL
VOLP
VIN = 3.3 V, VIL = 0 V
(Note 8)
3.3
0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 8)
1.8
−0.25
VIN = 2.5 V, VIL = 0 V
(Note 8)
2.5
−0.6
Quiet output minimum dynamic VOL
VOLV
VIN = 3.3 V, VIL = 0 V
(Note 8)
3.3
−0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 8)
1.8
1.5
VIN = 2.5 V, VIL = 0 V
(Note 8)
2.5
1.9
Quiet output minimum dynamic VOH
VOHV
VIN = 3.3 V, VIL = 0 V
(Note8)
3.3
2.2
ns
Note8:
Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
1.8, 2.5, 3.3
4
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note 9)
1.8, 2.5, 3.3
7
pF
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr.) = CPD・VCC・fIN + ICC


Numéro de pièce similaire - TC7SAU04F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SAU04FU TOSHIBA-TC7SAU04FU Datasheet
172Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC7SAU04F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZU04F TOSHIBA-TC7SZU04F_07 Datasheet
185Kb / 7P
   Inverter (Un-Buffer)
TC7SHU04FS TOSHIBA-TC7SHU04FS Datasheet
149Kb / 6P
   INVERTER (Un-Buffer)
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SHU04F TOSHIBA-TC7SHU04F_09 Datasheet
172Kb / 6P
   INVERTER (Un-Buffer)
TC7SGU04AFS TOSHIBA-TC7SGU04AFS Datasheet
174Kb / 6P
   Inverter (Un-Buffer)
TC7SHU04FE TOSHIBA-TC7SHU04FE Datasheet
147Kb / 5P
   INVERTER (Un-Buffer)
TC7WHU04FK TOSHIBA-TC7WHU04FK_09 Datasheet
181Kb / 7P
   Triple Inverter(Un-Buffer)
TC7PGU04FU TOSHIBA-TC7PGU04FU Datasheet
276Kb / 6P
   Dual Inverter (Un-Buffer)
2013-07-25
TC7WZU04FU TOSHIBA-TC7WZU04FU Datasheet
220Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com