Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SA32FU Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC7SA32FU
Description  2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA32FU Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC7SA32FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 8Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC7SA32F/FU
2007-11-01
5
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
0.25
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
0.6
Quiet output maximum dynamic VOL
VOLP
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
−0.25
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
−0.6
Quiet output minimum dynamic VOL
VOLV
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
−0.8
ns
VIN = 1.8 V, VIL = 0 V
(Note 11)
1.8
1.5
VIN = 2.5 V, VIL = 0 V
(Note 11)
2.5
1.9
Quiet output minimum dynamic VOH
VOHV
VIN = 3.3 V, VIL = 0 V
(Note 11)
3.3
2.2
ns
Note 11: Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
1.8, 2.5, 3.3
6
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note 12)
1.8, 2.5, 3.3
20
pF
Note 12: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr.) = CPD・VCC・fIN + ICC


Numéro de pièce similaire - TC7SA32FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7SA34F TOSHIBA-TC7SA34F Datasheet
208Kb / 8P
   Non-Inverter
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
208Kb / 8P
   Non-Inverter
TC7SA34F TOSHIBA-TC7SA34F_07 Datasheet
208Kb / 8P
   Non-Inverter
More results

Description similaire - TC7SA32FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com