Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7PG04AFE Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7PG04AFE
Description  Dual Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PG04AFE Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7PG04AFE Datasheet HTML 1Page - Toshiba Semiconductor TC7PG04AFE Datasheet HTML 2Page - Toshiba Semiconductor TC7PG04AFE Datasheet HTML 3Page - Toshiba Semiconductor TC7PG04AFE Datasheet HTML 4Page - Toshiba Semiconductor TC7PG04AFE Datasheet HTML 5Page - Toshiba Semiconductor TC7PG04AFE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7PG04AFE
2007-11-01
3
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC
VCC
1.1~1.3
VCC
× 0.7
VCC
× 0.7
1.4~1.6
VCC
× 0.65
VCC
× 0.65
1.65~1.95
VCC
× 0.65
VCC
× 0.65
2.3~2.7
1.7
1.7
High-level
input voltage
VIH
3.0~3.6
2.0
2.0
V
0.9
GND
GND
1.1~1.3
VCC
× 0.3
VCC
× 0.3
1.4~1.6
VCC
× 0.35
VCC
× 0.35
1.65~1.95
VCC
× 0.35
VCC
× 0.35
2.3~2.7
0.7
0.7
Low-level
input voltage
VIL
3.0~3.6
0.8
0.8
V
IOH =−0.02 mA
0.9
0.75
0.75
IOH = −0.3 mA
1.1~1.3
VCC
× 0.75
VCC
× 0.75
IOH = −1.7 mA
1.4~1.6
VCC
× 0.75
VCC
× 0.75
IOH = −3.0 mA
1.65~
1.95
VCC
-0.45
VCC
-0.45
IOH = −4.0 mA
2.3~2.7
2.0
2.0
High-level
output voltage
VOH
VIN = VIL
IOH = −8.0 mA
3.0~3.6
2.48
2.48
V
IOL = 0.02 mA
0.9
0.1
0.1
IOL = 0.3 mA
1.1~1.3
VCC
× 0.25
VCC
× 0.25
IOL = 1.7 mA
1.4~1.6
VCC
× 0.25
VCC
× 0.25
IOL = 3.0 mA
1.65~
1.95
0.45
0.45
IOL = 4.0 mA
2.3~2.7
0.4
0.4
Low-level
output voltage
VOL
VIN = VIH
IOL = 8.0 mA
3.0~3.6
0.4
0.4
V
Input leakage
current
IIN
VIN = 0~5.5V
0~3.6
±0.1
±1.0
μA
Quiescent
supply current
ICC
VIN = VCC or GND
3.6
1.0
10.0
μΑ


Numéro de pièce similaire - TC7PG04AFE

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7PG04FU TOSHIBA-TC7PG04FU Datasheet
157Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC7PG04AFE

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com