Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7PA53FU Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC7PA53FU
Description  2-Channel Multiplexer/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA53FU Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC7PA53FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7PA53FU
2007-11-01
5
Figure 1 AC Test Circuit
Figure 2 AC Waveforms
tpLZ, tpHZ, tpZL, tpZH
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VX
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
VY
VOH − 0.3 V
VOH − 0.15 V
VOH − 0.15 V
90%
10%
Output enable
VOL
3.0 V or VCC
VIH
VM
2.0 ns
GND
2.0 ns
tr
tf
90%
10%
VM
VM
Output
low to off to low
VX
VY
tpZL
VOH
GND
VM
tpZH
tpLZ
tpHZ
Outputs disabled
Outputs enabled
Outputs enabled
Output
high to off to high
Output
Measure
6 V or VCC × 2
Open
GND
Characteristics
Switch
6 V
at VCC = 3.3 ± 0.3 V
tpLZ, tpZL
VCC × 2
at VCC = 2.5 ± 0.2 V
at VCC = 1.8 V
tpHZ, tpZH
GND


Numéro de pièce similaire - TC7PA53FU_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7PA53FU TOSHIBA-TC7PA53FU Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC7PA53FU_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com