Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7PA19AFE Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC7PA19AFE
Description  Chip Select Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA19AFE Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC7PA19AFE Datasheet HTML 1Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 2Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 3Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 4Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 5Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 6Page - Toshiba Semiconductor TC7PA19AFE Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7PA19AFE
2007-11-01
2
Truth Table
Inputs
Outputs
Enable
Select
G
A
Y0
Y1
Selected Output
H
X
H
H
None
L
L
L
H
Y0
L
H
H
L
Y1
Operating Ranges
Characteristics
Symbol
Value
Unit
1.4~3.6
Power supply voltage
VCC
1.2~3.6
(Note 3)
V
Input voltage
VIN
−0.3~3.6
V
Output voltage
VOUT
0~VCC
(Note 4)
V
±24
(Note 5)
±18
(Note 6)
Output Current
IOH/IOL
±4
(Note 7)
mA
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~10
(Note 8)
ns/V
Note 3: Data retention only
Note 4: High or Low state
Note 5: VCC = 3.0~3.6 V
Note 6: VCC = 2.3~2.7 V
Note 7: VCC = 1.4~1.9 V
Note 8: VIN = 0.8~2.0 V, VCC = 3.0 V


Numéro de pièce similaire - TC7PA19AFE

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC7PA19AFE

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7PA19FU TOSHIBA-TC7PA19FU Datasheet
178Kb / 8P
   Chip Select Decoder
logo
ATMEL Corporation
AT88SC153 ATMEL-AT88SC153_14 Datasheet
790Kb / 24P
   Programmable Chip Select
logo
List of Unclassifed Man...
NKM2401 ETC-NKM2401 Datasheet
345Kb / 15P
   Code/decoder chip
logo
Sanyo Semicon Device
LC74201JE SANYO-LC74201JE Datasheet
301Kb / 21P
   Single Chip MPEG Decoder
logo
Dialog Semiconductor
SLG7NT4779 DIALOG-SLG7NT4779 Datasheet
441Kb / 7P
   Clock Divider and Chip Select Extender
logo
Renesas Technology Corp
SLG7NT4779V RENESAS-SLG7NT4779V Datasheet
349Kb / 7P
   Clock Divider and Chip Select Extender
February 25, 2022
logo
STMicroelectronics
HCF4556 STMICROELECTRONICS-HCF4556 Datasheet
435Kb / 9P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT LOW ON SELECT
September 2001
HCF4555B STMICROELECTRONICS-HCF4555B Datasheet
524Kb / 10P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT HIGH ON SELECT
September 2001
TDA3562A STMICROELECTRONICS-TDA3562A Datasheet
195Kb / 9P
   PAL/NTSC ONE-CHIP DECODER
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com