Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MH540FK Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC7MH540FK
Description  Octal Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH540FK Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC7MH540FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH540FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH540FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH540FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH540FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH540FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH540FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MH540FK_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7MH540,541FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH540FK,TC7MH541FK
Octal Bus Buffer
TC7MH540FK Inverted, 3-State Outputs
TC7MH541FK Non-Inverted, 3-State Outputs
The TC7MH540FK and TC7MH541FK are advanced high
speed CMOS octal bus buffers fabricated with silicon gate
C2MOS technology.
They achieve the high speed operation similar to equivalent
bipolar schottky TTL while maintaining the CMOS low power
dissipation.
The TC7MH540FK is an inverting type, and the TC7MH541FK
is a non-inverting type.
When either G1 or G2 are high, the terminal outputs are in the
high-impedance state.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V
systems and two supply systems such as battery back up. This circuit prevents device destruction due to
mismatched supply and input voltages.
Features
• High speed: tpd = 3.7 ns (typ.) (VCC = 5 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Low noise: VOLP = 1.0 V (max)
• Pin and function compatible with 74ALS540/541
Weight: 0.03 g (typ.)


Numéro de pièce similaire - TC7MH540FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH540FK TOSHIBA-TC7MH540FK Datasheet
152Kb / 8P
   Inverted, 3-State Outputs
More results

Description similaire - TC7MH540FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com