Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MH240FK Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC7MH240FK
Description  Octal Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH240FK Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC7MH240FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH240FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH240FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH240FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH240FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH240FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH240FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MH240FK_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MH240,244FK
2007-10-19
5
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.3
7.5
1.0
9.0
3.3
± 0.3
50
7.8
11.0
1.0
12.5
15
3.6
5.5
1.0
6.5
Propagation delay time
(TC7MH240FK)
tpLH
tpHL
5.0
± 0.5
50
5.1
7.5
1.0
8.5
ns
15
5.8
8.4
1.0
10.0
3.3
± 0.3
50
8.3
11.9
1.0
13.5
15
3.9
5.5
1.0
6.5
Propagation delay time
(TC7MH244FK)
tpLH
tpHL
5.0
± 0.5
50
5.4
7.5
1.0
8.5
ns
15
6.6
10.6
1.0
12.5
3.3
± 0.3
50
9.1
14.1
1.0
16.0
15
4.7
7.3
1.0
8.5
3-state output enable time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
6.2
9.3
1.0
10.5
ns
3.3
± 0.3
50
10.3
14.0
1.0
16.0
3-state output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
6.7
9.2
1.0
10.5
ns
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
TC7MH240FK
17
Power dissipation
capacitance
(Note 2)
CPD
TC7MH244FK
19
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


Numéro de pièce similaire - TC7MH240FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH240FK TOSHIBA-TC7MH240FK Datasheet
151Kb / 8P
   3-State Outputs
More results

Description similaire - TC7MH240FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com