Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MB3245FK Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC7MB3245FK
Description  Octal Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3245FK Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC7MB3245FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3245FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3245FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3245FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3245FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3245FK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7MB3245FK
2007-10-19
2
Truth Table
Inputs
OE
Function
L
A port
= B port
H
Disconnect
System Diagram
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Power supply range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC switch voltage
VS
−0.5~7.0
V
Input diode current
IIK
−50
mA
Continuous channel circuit
IS
128
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~5.5
V
Switch voltage
VS
0~5.5
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~10
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
A1
B1
A8
B8
OE


Numéro de pièce similaire - TC7MB3245FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
136Kb / 7P
   Octal Bus Switch
More results

Description similaire - TC7MB3245FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com