Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MA373FK Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TC7MA373FK
Description  Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA373FK Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7MA373FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA373FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA373FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA373FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA373FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA373FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA373FK_07 Datasheet HTML 9Page - Toshiba Semiconductor TC7MA373FK_07 Datasheet HTML 10Page - Toshiba Semiconductor TC7MA373FK_07 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC7MA373FK
2007-10-19
7
AC Characteristics (Ta = −40~85°C, Input: tr = tf = 2.0 ns)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.2
1.5
47.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
18.8
1.8
± 0.15
1.5
9.4
2.5
± 0.2
0.8
4.7
Propagation delay time (D-Q)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
4.2
ns
1.2
1.5
49.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
19.6
1.8
± 0.15
1.5
9.8
2.5
± 0.2
0.8
4.9
Propagation delay time (LE-Q)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
4.2
ns
1.2
1.5
49.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
19.6
1.8
± 0.15
1.5
9.8
2.5
± 0.2
0.8
5.5
3-state output enable time
tpZL
tpZH
Figure 1, Figure 3
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
4.5
ns
1.2
1.5
32.5
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.0
13.0
1.8
± 0.15
1.5
6.5
2.5
± 0.2
0.8
3.6
3-state output disable time
tpLZ
tpHZ
Figure 1, Figure 3
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.3
ns
1.2
24
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
8.0
1.8
± 0.15
4.0
2.5
± 0.2
1.5
Minimum pulse width (LE)
tw (H)
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
1.5
ns
1.2
20
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
7.5
1.8
± 0.15
2.5
2.5
± 0.2
1.5
Minimum set-up time
ts
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
1.5
ns
1.2
8.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
3.0
1.8
± 0.15
1.0
2.5
± 0.2
1.0
Minimum hold time
th
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
1.0
ns
1.2
1.5
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.5
1.8
± 0.15
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note)
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.5
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note: This parameter is guaranteed by design. (tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Numéro de pièce similaire - TC7MA373FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MA373FK TOSHIBA-TC7MA373FK Datasheet
332Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC7MA373FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA2573FK TOSHIBA-TC7MA2573FK_07 Datasheet
219Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com