Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1816004 Fiches technique(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

No de pièce SL1816004
Description  Circuit Protection Thermistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL1816004 Fiches technique(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL1816004 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com
DATA SHEET
Part Number: SL18 16004
Ordering Different Lead Types:
Inside Kinked Leads
Not available
Outside Kinked Leads
Use –B after Ametherm’s Part #
For example: to order an outside kinked lead use part number SL18 16004-B
Resistance @ 25°C
16.0Ω ± 20%
Max Steady State Current Up to 65°C
4.0 A
Max Recommended Energy Rating
75.0 J
Actual Failure Point of Instantaneous Energy
150.0 J
Resistance @ 100 % of Maximum Current
0.270 Ω
Resistance @ 50% of Maximum Current
0.650 Ω
Body Temperature at Maximum Current
180 °C
Dissipation Constant
25 mW/°C
Thermal Time Constant
100 seconds
Material Type
“H”
Maximum Capacitance @ 120/240 VAC
5000 µF/
1250 µF
D
18.0 ± 1.0 mm
T
5.1 ± 0.5 mm
Lead Diameter
1.0± 0.1 mm
S
7.8 ± 1.0 mm
L
38.0 ± 5.0 mm
Coating Run Down
Straight Leads
3.0mm Max
B
7.5 ± 1.0 mm
C
3.85 ± .5 mm
Revision Date 12/03/2004
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Numéro de pièce similaire - SL1816004

FabricantNo de pièceFiches techniqueDescription
logo
AMETHERM Circuit Protec...
SL1810005 AMETHERM-SL1810005 Datasheet
173Kb / 1P
   Circuit Protection Thermistors
SL1810005 AMETHERM-SL1810005 Datasheet
29Kb / 2P
   Erin Landis
SL1810005-B AMETHERM-SL1810005-B Datasheet
173Kb / 1P
   Circuit Protection Thermistors
SL1810005 AMETHERM-SL1810005_14 Datasheet
29Kb / 2P
   Erin Landis
logo
Siemens Semiconductor G...
SL1814 SIEMENS-SL1814 Datasheet
207Kb / 4P
   112 RED, 8-DIGIT 17-SEGMENT ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
More results

Description similaire - SL1816004

FabricantNo de pièceFiches techniqueDescription
logo
AMETHERM Circuit Protec...
MS1215102 AMETHERM-MS1215102 Datasheet
35Kb / 1P
   Circuit Protection Thermistors
SL321R036 AMETHERM-SL321R036 Datasheet
159Kb / 1P
   Circuit Protection Thermistors
SL2210007 AMETHERM-SL2210007 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210009-17 AMETHERM-SL2210009-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2212102 AMETHERM-SL2212102 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
NT0510052 AMETHERM-NT0510052 Datasheet
73Kb / 1P
   Circuit Protection Thermistors
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com