Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8372ACPZ-WP1 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8372ACPZ-WP1
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-WP1 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8372ACPZ-WP1 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 9Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 10Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 11Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 12Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 13Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 14Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8372
Rev. 0 | Page 11 of 16
0.1µF
0.1µF
33µH
142Ω
33Ω
33Ω
142Ω
5V
5V
50Ω
AC
1:3
½
AD8372
VGA
0.1µF
0.1µF
0.1µF
0.1µF
33µH
5V
VIN+
VIN–
AD9445
14-BIT ADC
14
Figure 14. AD8372 Driving an AD9445 ADC
–150
–140
–130
–120
–110
–100
–80
–70
–90
–60
–40
–30
–50
–20
–10
0
FREQUENCY (MHz)
5.25 10.50 15.75 21.00 26.25 31.50 36.75 42.00 47.25 52.50
0
5
6
4
1
2
3
ENCODE: 105MHz
SAMPLES: 32768
ANALOG: 19.8766MHz
FUND: –1.053dBFS
2ND: –74.55dBc
3RD: –86.45dBc
4TH: –91.35dBc
5TH: –89.57dBc
6TH: –91.15dBc
SNR: 58.12dBc
SNRFS: 59.18dBc
THD: –73.99dBc
SINAD: 58.01dBc
SFDR: 74.73dBc
WO SPUR: –85.5dBc
NOISE FLOOR: –101.3dB
FUND LEAK: 100
HARM LEAK: 3
DC LEAK: 6
Figure 15. 74.5 dB SFDR Performance of the AD8372 Driving the AD9445 ADC


Numéro de pièce similaire - AD8372ACPZ-WP1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8372ACPZ-WP AD-AD8372ACPZ-WP Datasheet
751Kb / 16P
   Programmable Dual VGA
More results

Description similaire - AD8372ACPZ-WP1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
   1.0 GHz DGA with 30 dB Range and 1 dB Step Size
AD8375 AD-AD8375 Datasheet
237Kb / 6P
   24dB Range, 1dB Step Size Programmable VGA
Rev. PrB March 13, 2007
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
Pasternack Enterprises,...
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
   Step Resolution of 1 dB
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
   31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
Analog Devices
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com