Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MPS3125FTG Fiches technique(PDF) 10 Page - Toshiba Semiconductor

No de pièce TC7MPS3125FTG
Description  Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MPS3125FTG Fiches technique(HTML) 10 Page - Toshiba Semiconductor

Back Button TC7MPS3125FTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MPS3125FTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MPS3125FTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MPS3125FTG Datasheet HTML 9Page - Toshiba Semiconductor TC7MPS3125FTG Datasheet HTML 10Page - Toshiba Semiconductor TC7MPS3125FTG Datasheet HTML 11Page - Toshiba Semiconductor TC7MPS3125FTG Datasheet HTML 12Page - Toshiba Semiconductor TC7MPS3125FTG Datasheet HTML 13Page - Toshiba Semiconductor TC7MPS3125FTG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC7MPS3125FTG
2007-10-19
10
DC Characteristics (1.65 V ≤ VCCA < 2.3 V, 2.3 V ≤ VCCB ≤ 2.7 V)
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCCA (V) VCCB (V)
Min
Max
Unit
VIHA
DIR, OE , An
1.65 to 2.3 2.3 to 2.7
0.65
×
VCCA
H-level input voltage
VIHB
Bn
1.65 to 2.3 2.3 to 2.7
1.6
V
VILA
DIR, OE , An
1.65 to 2.3 2.3 to 2.7
0.35
×
VCCB
L-level input voltage
VILB
Bn
1.65 to 2.3 2.3 to 2.7
0.7
V
IOHA = −100 μA 1.65 to 2.3 2.3 to 2.7
VCCA
0.2
VOHA
IOHA = −3 mA
1.65
2.3 to 2.7
1.25
IOHB = −100 μA 1.65 to 2.3 2.3 to 2.7
VCCB
0.2
H-level output voltage
VOHB
VIN = VIH or VIL
IOHB = −9 mA
1.65 to 2.3
2.3
1.7
V
IOLA = 100 μA
1.65 to 2.3 2.3 to 2.7
0.2
VOLA
IOLA = 3 mA
1.65
2.3 to 2.7
0.3
IOLB = 100 μA
1.65 to 2.3 2.3 to 2.7
0.2
L-level output voltage
VOLB
VIN = VIH or VIL
IOLB = 9mA
1.65 to 2.3
2.3
0.6
V
IOZA
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.65 to 2.3 2.3 to 2.7
±2.0
3-state output OFF state current
IOZB
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.65 to 2.3 2.3 to 2.7
±2.0
μA
Input leakage current
IIN
VIN (DIR, OE ) = 0 to 3.6 V
1.65 to 2.3 2.3 to 2.7
±1.0
μA
IOFF
0
0
2.0
IOFF
1.65 to 2.3
0
2.0
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
1.65 to 2.3
Open
2.0
μA
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
1.65 to 2.3 2.3 to 2.7
2.0
ICCB
VINA = VCCA or GND
VINB = VCCB or GND
1.65 to 2.3 2.3 to 2.7
2.0
μA
ICCA
VCCA (VIN, VOUT) 3.6 V
1.65 to 2.3 2.3 to 2.7
±2.0
Quiescent supply current
ICCB
VCCB (VIN, VOUT) 3.6 V
1.65 to 2.3 2.3 to 2.7
±2.0
μA


Numéro de pièce similaire - TC7MPS3125FTG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
322Kb / 23P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
More results

Description similaire - TC7MPS3125FTG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
TC7SP3125TU TOSHIBA-TC7SP3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
TC7SPN3125TU TOSHIBA-TC7SPN3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
TC7SPB9306TU TOSHIBA-TC7SPB9306TU Datasheet
342Kb / 12P
   Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
TC7SP3125CFC TOSHIBA-TC7SP3125CFC Datasheet
166Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
2009-02-02
TC7SPN3125CFC TOSHIBA-TC7SPN3125CFC Datasheet
226Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
2014-03-01
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com