Moteur de recherche de fiches techniques de composants électroniques |
|
SL1510006-B Fiches technique(PDF) 1 Page - AMETHERM Circuit Protection Thermistors |
|
SL1510006-B Fiches technique(HTML) 1 Page - AMETHERM Circuit Protection Thermistors |
|
1 / 1 page DATA SHEET Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670 www.ametherm.com Part Number: SL15 10006 Ordering Different Lead Types: For example: to order an inside kinked lead use part number SL15 10006 - A Electrical Specifications: Mechanical Specifications: CSA File Number: #CA118061 Revision Date: July 8, 2003 Inside Kinked Leads Use -A after Ametherm’s part # Outside Kinked Leads Use -B after Ametherm’s part # Resistance @ 25°C 10.0 Ω ± 20% Max Steady State Current Up to 65 °C 6.0 A Max Recommended Energy Rating (Joules) 55.0 J Actual Failure Point of Instantaneous Energy (Joules) 110.0 J Resistance @ 100% of Max Current 0.151 Ω Resistance @ 50% of Max Current 0.438 Ω Body Temperature @ 100% Current Rating 172 °C Dissipation Constant 15.9mW/°C Thermal Time Constant 54 seconds Material Type “G” Max Recommended Capacitance @ 265 VRMS 780 µF D 15.0 ± 0.5 mm T 4.5 ± 0.2 mm Lead Diameter 0.80 ± 0.1 mm S 7.8 ± 2.0 mm L 38.0 ± 9.0 mm Inside Kink Dimension 6.35 ± 0.60 mm B 7.50 ± 0.70 mm C 2.82 ± 0.5 mm Coating Run Down on the Straight Leads 5.00 ± 0.5 mm L OUTSIDE KINKED LEADS S STRAIGHT LEADS B INSIDE KINKED LEADS S S D D D C T |
Numéro de pièce similaire - SL1510006-B |
|
Description similaire - SL1510006-B |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |