Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SD-150 Datasheet(Fiches technique) 1 Page - Astrodyne Corporation

Numéro de pièce SD-150
Description  150W Single Output DC-DC Converter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD-150 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SD-150 Datasheet HTML 1Page - Astrodyne Corporation SD-150 Datenblatt HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
s d - 1 5 0 series
150W Single Output DC-DC Converter
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTROdYNE.COM
SPECIFICATION
SD-150B-12
SD-150C-12
SD-150D-12
SD-150B-24
SD-150C-24
SD-150D-24
MODEL
DC?VOLTAGE
RATED?CURRENT
CURRENT?RANGE
RATED?POWER
OUTPUT
VOLTAGE ADJ.?RANGE
LINE?REGULATION
LOAD?REGULATION
SETUP,?RISE?TIME
HOLD?TIME (Typ.)
VOLTAGE?RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH?CURRENT (Typ.)
LEAKAGE?CURRENT
WORKING?TEMP.
WORKING?HUMIDITY
STORAGE?TEMP.,?HUMIDITY
TEMP.?COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER?LOAD
OVER?VOLTAGE
DC?CURRENT (Typ.)
12V
24V
12.5A
6.3A
0?~?12.5A
0?~?6.3A
150W
151.2W
120mVp-p
150mVp-p
1.0%
1.0%
11?~?16VDC
23?~?30VDC
0.5%
0.5%
0.3%
0.3%
2s,?50ms
at?full?load
(only?D?mode)
24ms
at?full?load
(only?D?mode)
B:19?~?36VDC??????????C:36?~?72VDC??????????D:72?~144VDC?or?85?~?132VAC
75%
6.8A/24VDC
6.8A/24VDC
77%
3.4A/48VDC
3.4A/48VDC
79%
1.7A/96VDC
1.7A/96VDC
77%
80%
82%
D:22.5A/96VDC
<0.75mA /?120VAC?(SD-150D)
105?~?135% rated?output?power
16.8V?~?20V/10%?LOAD
31.5?~?37.5V/10%?LOAD
Protection?type?:?Fold?back?current?limiting,?recovers?automatically?after?fault?condition?is?removed
Protection?type?:?Hiccup?mode,?recovers?automatically?after?fault?condition?is?removed
-10?~?+60
(Refer?to?output?load?derating?curve)
20?~?90%?RH?non-condensing
-20?~?+85
,?10?~?95%?RH
0.03%/
(0?~?50
10?~?500Hz,?2G?10min./1cycle,?60min.?each?along?X, Y,?Z?axes
199*110*50mm?(L*W*H)
0.86Kg;?16pcs/14.5Kg/0.95CUFT
File?Name:SD-150-SPEC???2005-05-10
EMS?IMMUNITY
Compliance?to?EN55022?(CISPR22)?Class?B
24V?and?48V?input?design?refer?to?LVD
Compliance?to EN61000-4-2,3,4,6,8;?ENV50204?heavy?industry?level,?criteria A
SAFETY STANDARDS
296.2K?hrs?min.(SD-150B)??????????289.9K?hrs?min.(SD-150C)?????????289K?Hrs?min.(SD-150D)??????MIL-HDBK-217F?(25
)
150W?Single?Output?DC-DC?Converter
????????????????????
????????????????????????????????????????????????
?????????????????????
?????????????????????????????????????
???????????????????????????
?????????????????????????????????????????????
????????
????????????????
???????????????
??????????
S D - 1 5 0 series
WITHSTAND?VOLTAGE
ISOLATION?RESISTANCE
I/P-O/P:1.5KVAC?????I/P-FG:1.5KVAC?????O/P-FG:0.5KVAC
I/P-O/P,?I/P-FG,?O/P-FG:100M?Ohms/500VDC
ENVIRONMENT
SAFETY &
EMC
(Note?4)
PROTECTION
EMI?CONDUCTION?&?RADIATION
RIPPLE?&?NOISE?(max.) Note.2
VOLTAGE?TOLERANCE Note.3
??????????????????????????????????????????????????????????????????????????????????????????????
???????????????????????
????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????
????????????????????????????????????????? ????????????????????????????????????
??????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????
???????????????
????????????????????????????


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn