Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA7809AF Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TA7809AF
Description  1 A Three-Terminal Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7809AF Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TA7809AF Datasheet HTML 1Page - Toshiba Semiconductor TA7809AF Datasheet HTML 2Page - Toshiba Semiconductor TA7809AF Datasheet HTML 3Page - Toshiba Semiconductor TA7809AF Datasheet HTML 4Page - Toshiba Semiconductor TA7809AF Datasheet HTML 5Page - Toshiba Semiconductor TA7809AF Datasheet HTML 6Page - Toshiba Semiconductor TA7809AF Datasheet HTML 7Page - Toshiba Semiconductor TA7809AF Datasheet HTML 8Page - Toshiba Semiconductor TA7809AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
2
Block Diagram
Absolute Maximum Ratings (Ta = 25°C) (Note2)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
20
V
Output current
I OUT
1
A
Operating Junction temperature
Tj(opr)
−40~135
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Ta = 25°C
1
Power dissipation
Tc = 25°C
PD
10
W
Note 2: Do not apply current and voltage (including reverse polarity) to any pin that is not specified.
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, junction to ambient
Rth (j−a)
125
°C / W
Thermal resistance, junction to case
Rth (j−c)
12.5
°C / W
Protection Function (reference) (Note3)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Thermal shutdown
TSD
VIN = VOUT + 5 V
175
°C
Peak circuit current
I PEAK
VIN = VOUT + 5 V, Tj = 25°C
1.7
A
Short circuit current
I SC
VIN = VOUT + 5 V, Tj = 25°C
1.5
A
Note 3: Ensure that the devices operate within the limits of the maximum rating when in actual use.
Safe operating
Area circuit
INPUT
OUTPUT
GND
Reference
voltage circuit
Thermal shutdown
circuit
Over current
protection circuit
Startup
circuit


Numéro de pièce similaire - TA7809AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA7809F TOSHIBA-TA7809F Datasheet
314Kb / 18P
   Three Terminal Positive Voltage Regulators
TA7809F TOSHIBA-TA7809F Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA7809S TOSHIBA-TA7809S Datasheet
700Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA7809SB TOSHIBA-TA7809SB Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
More results

Description similaire - TA7809AF

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com