Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA7805AF Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TA7805AF
Description  1 A Three-Terminal Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7805AF Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TA7805AF Datasheet HTML 1Page - Toshiba Semiconductor TA7805AF Datasheet HTML 2Page - Toshiba Semiconductor TA7805AF Datasheet HTML 3Page - Toshiba Semiconductor TA7805AF Datasheet HTML 4Page - Toshiba Semiconductor TA7805AF Datasheet HTML 5Page - Toshiba Semiconductor TA7805AF Datasheet HTML 6Page - Toshiba Semiconductor TA7805AF Datasheet HTML 7Page - Toshiba Semiconductor TA7805AF Datasheet HTML 8Page - Toshiba Semiconductor TA7805AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA78033AF, TA7804AF, TA7805AF,
TA7807AF, TA7808AF, TA7809AF
1 A Three-Terminal Positive Voltage Regulator
The TA78***AF series consists of fixed-positive-output voltage
regulator ICs capable of sourcing current of up to 1A.
Features
Maximum output current: 1 A
Output voltage: 3.3 / 4.0 / 5.0 / 7.0 / 8.0 / 9.0 V
Output voltage accuracy: VOUT ± 4% (@Tj = 25°C)
Protection function: over current protection /thermal shutdown /safe operating area(SOA)
Package type: New PW-Mold
Pin Assignment
Marking
Note: The “***” in the each product number is replaces with the output voltage of each product.
How to Order(Note1)
Product No.
Package
Package Type and Capacity
TA78**AF (TE16L1,NQ
TA78***AF (TE16L1NQ
New PW-Mold: Surface-mount
Tape (2000 pcs/reel)
Note 1: The “**” in each pro-forma product number is replaced with the output voltage of each product.
Weight : 0.36 g (typ.)
1
OUT
Marking side
3
2
GND
IN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Product No. (or abbreviation code)
1
2
78***AF
3


Numéro de pièce similaire - TA7805AF

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
TA7805 ISC-TA7805 Datasheet
221Kb / 2P
   isc Three Terminal Positive Voltage Regulator
logo
Toshiba Semiconductor
TA78057F TOSHIBA-TA78057F Datasheet
314Kb / 18P
   Three Terminal Positive Voltage Regulators
TA78057F TOSHIBA-TA78057F Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA78057S TOSHIBA-TA78057S Datasheet
700Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78057SB TOSHIBA-TA78057SB Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
More results

Description similaire - TA7805AF

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com